Electronic Components Datasheet Search
  English  ▼

X  

AD637 Datasheet(PDF) 4 Page - Analog Devices

Part # AD637
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 4 Page - Analog Devices

  AD637 Datasheet HTML 1Page - Analog Devices AD637 Datasheet HTML 2Page - Analog Devices AD637 Datasheet HTML 3Page - Analog Devices AD637 Datasheet HTML 4Page - Analog Devices AD637 Datasheet HTML 5Page - Analog Devices AD637 Datasheet HTML 6Page - Analog Devices AD637 Datasheet HTML 7Page - Analog Devices AD637 Datasheet HTML 8Page - Analog Devices AD637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD637
Data Sheet
Rev. L | Page 4 of 25
SPECIFICATIONS
At 25°C, test frequency = 1 kHz, VIN units are VRMS, VS = ±15 V dc, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
AD637J/AD637A
Unit
Min
Typ
Max
TRANSFER FUNCTION
VOUT =
2
IN )
(V
avg 
CONVERSION ACCURACY
Total Error, Internal Trim
See Figure 5
±1 ± 0.5
mV rms ±% of reading
TMIN to TMAX
±3.0 ± 0.6
mV ± % of reading
vs. Supply
VIN = 300 mV
30
150
μV/V
VIN = −300 mV
100
300
μV/V
DC Reversal
−2 V < VIN < +2 V
0.25
% of reading
Nonlinearity
2 V full scale
0.04
% of FSR
7 V full scale
0.05
% of FSR
Total Error
External trim
±0.5 ± 0.1
mV ± % of reading
ERROR VS. CREST FACTOR (CF)
Additional, at 1 V rms
CF, %
For CF = 1 to 2
Specified accuracy
For CF = 3
±0.1
% of reading
For CF = 10
±1.0
% of reading
AVERAGING TIME CONSTANT
25
ms/μF CAV
INPUT CHARACTERISTICS
Signal Range
VS = ±15 V
Continuous
0 to 7
V rms
Transient
±15
V p-p
VS = ±5 V
Continuous
0 to 4
V rms
Transient
±6
V p-p
Input Resistance
6.4
8
9.6
kΩ
Input Offset Voltage
±0.5
mV
FREQUENCY RESPONSE
Bandwidth for 1% (0.09 dB) Additional Error
VIN = 20 mV
11
kHz
VIN = 200 mV
66
kHz
VIN = 2 V
200
kHz
±3 dB
VIN = 20 mV
150
kHz
VIN = 200 mV
1
MHz
VIN = 2 V
8
MHz
OUTPUT CHARACTERISTICS
Offset Voltage
±1
mV
vs. temperature
±0.05
±0.089
mV/°C
Voltage Swing, 2 kΩ load
0 to 12.0
13.5
V
VS = ±3 V
0 to 2
2.2
V
Output Current
6
mA
Short-Circuit Current
20
mA
Resistance
CS high
0.5
Ω
Resistance
CS low
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com