Electronic Components Datasheet Search
  English  ▼

X  

AD637 Datasheet(PDF) 9 Page - Analog Devices

Part # AD637
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD637 Datasheet HTML 5Page - Analog Devices AD637 Datasheet HTML 6Page - Analog Devices AD637 Datasheet HTML 7Page - Analog Devices AD637 Datasheet HTML 8Page - Analog Devices AD637 Datasheet HTML 9Page - Analog Devices AD637 Datasheet HTML 10Page - Analog Devices AD637 Datasheet HTML 11Page - Analog Devices AD637 Datasheet HTML 12Page - Analog Devices AD637 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
AD637
Rev. L | Page 9 of 25
Parameter
Test Conditions/Comments
AD637S
Unit
Min
Typ
Max
BUFFER AMPLIFIER
Input Output Voltage Range
−VS to (+VS − 2.5)
V
Input Offset Voltage
±0.8
±2
mV
Input Current
±2
±10
nA
Input Resistance
108
Ω
Output Current
−0.13
+5
mA
Short-Circuit Current
20
mA
Small Signal Bandwidth
1
MHz
Slew Rate
2 kΩ load, to −VS
5
V/μs
DENOMINATOR INPUT
Input Range
0 to 10
V
Input Resistance
20
25
30
kΩ
Offset Voltage
±0.2
±0.5
mV
CHIP SELECT (CS)
RMS On Level
Open or 2.4 < VC < +VS
V
RMS Off Level
V
IOUT of Chip Select
CS low
10
μA
CS high
0
μA
On Time Constant
10 + ((25 kΩ) × CAV)
μs
Off Time Constant
10 + ((25 kΩ) × CAV)
μs
POWER SUPPLY
Operating Voltage Range
±3.0
±18
V
Quiescent Current
2.2
3
mA
Standby Current
350
450
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com