Electronic Components Datasheet Search
  English  ▼

X  

AD637 Datasheet(PDF) 1 Page - Analog Devices

Part # AD637
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 1 Page - Analog Devices

  AD637 Datasheet HTML 1Page - Analog Devices AD637 Datasheet HTML 2Page - Analog Devices AD637 Datasheet HTML 3Page - Analog Devices AD637 Datasheet HTML 4Page - Analog Devices AD637 Datasheet HTML 5Page - Analog Devices AD637 Datasheet HTML 6Page - Analog Devices AD637 Datasheet HTML 7Page - Analog Devices AD637 Datasheet HTML 8Page - Analog Devices AD637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
High Precision, Wideband
RMS-to-DC Converter
Data Sheet
AD637
FEATURES
High accuracy
0.02% maximum nonlinearity, 0 V to 2 V rms input
0.1% additional error to crest factor of 3
Wide bandwidth
8 MHz at 2 V rms input
600 kHz at 100 mV rms
Computes
True rms
Square
Mean square
Absolute value
dB output (60 dB range)
Chip select/power-down feature allows
Analog three-state operation
Quiescent current reduction from 2.2 mA to 350 µA
FUNCTIONAL BLOCK DIAGRAM
VIN
25k
Ω
25k
Ω
ABSOLUTE
VALUE
DEN
INPUT
CAV
RMS OUT
BUFF IN
BUFF OUT
SQUARER/
DIVIDER
BIAS
COMMON
CS
OUTPUT
OFFSET
dB OUTPUT
–
+
+
–
–
+
Figure 1.
GENERAL DESCRIPTION
The AD637 is a complete, high accuracy, rms-to-dc converter
that computes the true rms value of any complex waveform. It
offers performance that is unprecedented in integrated circuit
rms-to-dc converters and comparable to discrete and modular
techniques in accuracy, bandwidth, and dynamic range. The
AD637 computes the true root mean square, mean square, or
absolute value of any complex ac (or ac plus dc) input waveform
and gives an equivalent dc output voltage. The true rms value of
a waveform is more useful than an average rectified signal
because it relates directly to the power of the signal. The rms
value of a statistical signal relates to the standard deviation of
the signal.
Superior crest factor compensation permits measurements
of signals with crest factors of up to 10 with less than 1%
additional error. The wide bandwidth of the AD637 permits the
measurement of signals up to 600 kHz with inputs of 200 mV rms
and up to 8 MHz when the input levels are above 1 V rms.
Direct dB value of the rms output with a range of 60 dB is
available on a separate pin. An externally programmed
reference current allows the user to select the 0 dB reference
voltage to correspond to any level between 0.1 V and 2.0 V rms.
A chip select connection on the AD637 permits the user to
decrease the supply current from 2.2 mA to 350 µA during
periods when the rms function is not in use. This feature
facilitates the addition of precision rms measurement to remote
or handheld applications where minimum power consumption
is critical. In addition, when the AD637 is powered down, the
output goes to a high impedance state. This allows several
AD637s to be tied together to form a wideband true rms
multiplexer.
The input circuitry of the AD637 is protected from overload
voltages in excess of the supply levels. The inputs are not
damaged by input signals if the supply voltages are lost.
The AD637 is laser wafer trimmed to achieve rated performance
without external trimming. The only external component
required is a capacitor that sets the averaging period. The value
of this capacitor also determines low frequency accuracy, ripple
level, and settling time.
The on-chip buffer amplifier is used either as an input buffer or
in an active filter configuration. The filter can be used to reduce
the amount of ac ripple, thereby increasing accuracy.
The AD637 is available in accuracy Grade J and Grade K for
commercial temperature range (0°C to 70°C) applications, accuracy
Grade A and Grade B for industrial range (−40°C to +85°C) appli-
cations, and accuracy Grade S rated over the −55°C to +125°C
temperature range. All versions are available in hermetically sealed,
14-lead SBDIP, 14-lead CERDIP, and 16-lead SOIC_W packages.
Rev. L
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD637

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
AD637-EVALZ AD-AD637-EVALZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637A AD-AD637A Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
AD637AQ AD-AD637AQ Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
AD637AQ AD-AD637AQ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
More results

Similar Description - AD637

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
Precision Micropower, SIGMA RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
Precision Micropower RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com