Electronic Components Datasheet Search
  English  ▼

X  

AD637 Datasheet(PDF) 10 Page - Analog Devices

Part # AD637
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD637 Datasheet HTML 6Page - Analog Devices AD637 Datasheet HTML 7Page - Analog Devices AD637 Datasheet HTML 8Page - Analog Devices AD637 Datasheet HTML 9Page - Analog Devices AD637 Datasheet HTML 10Page - Analog Devices AD637 Datasheet HTML 11Page - Analog Devices AD637 Datasheet HTML 12Page - Analog Devices AD637 Datasheet HTML 13Page - Analog Devices AD637 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD637
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
ESD Rating
500 V
Supply Voltage
±18 V dc
Internal Quiescent Power Dissipation
108 mW
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Rated Operating Temperature Range
AD637J, AD637K
0°C to 70°C
AD637A, AD637B
−40°C to +85°C
AD637S, 5962-8963701CA
−55°C to +125°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Rev. L | Page 10 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com