Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 4 Page - Analog Devices

Part # AD734
Description  10 MHz, Four-Quadrant Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 4 Page - Analog Devices

  AD734 Datasheet HTML 1Page - Analog Devices AD734 Datasheet HTML 2Page - Analog Devices AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD734
Rev. E | Page 4 of 20
A
B
S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CMRR
f = 5 kHz
70
85
70
85
70
85
dB
Input Bias Current
(X, Y, Z Inputs)
50
300
50
150
50
300
nA
TMIN to TMAX
400
300
500
nA
Input Resistance
Differential
50
50
50
kΩ
Input Capacitance
Differential
2
2
2
pF
DENOMINATOR INTERFACES
(U0, U1, AND U2)
Operating Range
VN to
VP − 3
VN to
VP − 3
VN to
VP − 3
V
Denominator Range
1000:1
1000:1
1000:1
Interface Resistor
U1 to U2
28
28
28
kΩ
OUTPUT AMPLIFIER (W)
Output Voltage Swing
TMIN to TMAX
±12
±12
±12
V
Open-Loop Voltage Gain
X = Y = 0, input to Z
72
72
72
dB
Dynamic Response
From X or Y input,
CLOAD ≤ 20 pF
3 dB Bandwidth
W ≤ 7 V rms
8
10
8
10
8
10
MHz
Slew Rate
450
450
450
V/μs
Settling Time
+20 V or −20 V
output step
To 1%
125
125
125
ns
To 0.1%
200
200
200
ns
Short-Circuit Current
TMIN to TMAX
20
50
80
20
50
80
20
50
80
mA
POWER SUPPLIES, ±VS
Operating Supply Range
±8
±16.5
±8
±16.5
±8
±16.5
V
Quiescent Current
TMIN to TMAX
6
9
12
6
9
12
6
9
12
mA
1 Figures given are percent of full scale (for example, 0.01% = 1 mV).
2 dBc refers to decibels relative to the full-scale input (carrier) level of 7 V rms.
3 See
for test circuit.
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com