Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 7 Page - Analog Devices

Part # AD734
Description  10 MHz, Four-Quadrant Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices AD734 Datasheet HTML 10Page - Analog Devices AD734 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD734
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
SIGNAL AMPLITUDE
0.06
0.08
0.10
–0.06
–0.08
–0.10
0.04
–0.04
0.02
–0.02
0
–2V
0
2V
VS = ±15V
RLOAD = 2kΩ
CLOAD = 20pF
Figure 4. Differential Gain at 3.58 MHz and RLOAD = 2 kΩ
SIGNAL AMPLITUDE
–0.15
–0.10
–0.20
–0.25
–0.05
0.10
0.15
0.20
0.25
0
0.05
–2V
0
2V
VS = ±15V
RLOAD = 2kΩ
CLOAD = 20pF
Figure 5. Differential Phase at 3.58 MHz and RLOAD = 2 kΩ
FREQUENCY (Hz)
0.3
0.4
0.5
0.2
0.1
0
–0.4
–0.5
–0.3
–0.2
–0.1
100k
1M
10M
VS = ±15V
X = 1.4V RMS
Y = 10V
RLOAD = 500Ω
CLOAD = 20pF
Figure 6. Gain Flatness, 300 kHz to 10 MHz, RLOAD = 500 Ω
FREQUENCY (Hz)
100
0
80
20
40
60
1k
10k
100k
1M
10M
X INPUT, Y = 10V
COMMON-MODE
SIGNAL = 7V RMS
Y INPUT, X = 10V
Figure 7. CMRR vs. Frequency
FREQUENCY (Hz)
100
0
80
20
40
60
1k
10k
100k
1M
10M
VN
VP
Figure 8. PSRR vs. Frequency
FREQUENCY (Hz)
–40
0
–60
–80
–100
1k
10k
100k
1M
10M
INPUT SIGNAL = 7V RMS
Y INPUT, X NULLED
X INPUT, Y NULLED
Figure 9. Feedthrough vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com