Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 8 Page - Analog Devices

Part # AD734
Description  10 MHz, Four-Quadrant Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices AD734 Datasheet HTML 10Page - Analog Devices AD734 Datasheet HTML 11Page - Analog Devices AD734 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD734
Rev. E | Page 8 of 20
FREQUENCY (Hz)
–20
0
–40
–60
–80
1k
10k
100k
1M
10M
TEST INPUT = 1V RMS
U = 2V
OTHER INPUT = 2V DC
Y INPUT
X INPUT
Figure 10. THD vs. Frequency, U = 2 V
FREQUENCY (Hz)
–20
0
–40
–60
–80
1k
10k
100k
1M
10M
TEST INPUT = 7V RMS
OTHER INPUT = 10V DC
RLOAD ≥2kΩ
Y INPUT
X INPUT
Figure 11. THD vs. Frequency, U = 10 V
SIGNAL LEVEL
–20
0
–40
–60
–80
–100
–10dBm
70.7mV RMS
10dBm
707mV RMS
30dBm
7V RMS
FREQUENCY = 1MHz
VP = +15V
VN = –15V
RLOAD = 2kΩ
Y INPUT. X = 10V DC
X INPUT. Y = 10V DC
Figure 12. THD vs. Signal Level, f = 1 MHz
FREQUENCY (Hz)
5
4
3
2
1
0
–5
–4
–3
–2
–1
100k
1M
10M
VS = ±15V
X = 1.4V RMS
Y = 10V
RLOAD = 500Ω
CLOAD = 20pF, 47pF, 100pF
INCREASING
CLOAD
Figure 13. Gain vs. Frequency vs. CLOAD
FREQUENCY (Hz)
0
–30
–60
–90
–210
–180
–150
–120
100k
1M
10M
INCREASING
CLOAD
VS = ±15V
X = 1.4V RMS
Y = 10V
RLOAD = 500Ω
CLOAD = 20pF, 47pF, 100pF
Figure 14. Phase vs. Frequency vs. CLOAD
INCREASING
CLOAD
5V
50ns
Figure 15. Pulse Response vs. CLOAD,
CLOAD = 0 pF, 47 pF, 100 pF, 200 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com