Electronic Components Datasheet Search
  English  ▼

X  

AD734 Datasheet(PDF) 6 Page - Analog Devices

Part # AD734
Description  10 MHz, Four-Quadrant Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD734 Datasheet HTML 2Page - Analog Devices AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices AD734 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD734
Rev. E | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD734
TOP VIEW
(Not to Scale)
X1 1
X2 2
U0 3
U1 4
U2 5
VP
DD
W
Z1
Z2
14
13
12
11
10
Y1 6
Y2 7
ER
VN
9
8
Figure 3. 14-Lead PDIP and 14-Lead CERDIP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
X1
X Differential Multiplicand Input.
2
X2
X Differential Multiplicand Input.
3
U0
Denominator Current Source Enable Interface.
4
U1
Denominator Interface—see the Functional Description section.
5
U2
Denominator Interface—see the Functional Description section.
6
Y1
Y Differential Multiplicand Input.
7
Y2
Y Differential Multiplicand Input.
8
VN
Negative Supply.
9
ER
Reference Voltage.
10
Z2
Z Differential Summing Input.
11
Z1
Z Differential Summing Input.
12
W
Output.
13
DD
Denominator Disable.
14
VP
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com