Electronic Components Datasheet Search
  English  ▼

X  

24C32 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24C32 Datasheet HTML 2Page - Microchip Technology 24C32 Datasheet HTML 3Page - Microchip Technology 24C32 Datasheet HTML 4Page - Microchip Technology 24C32 Datasheet HTML 5Page - Microchip Technology 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology 24C32 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
24C32
DS21061H-page 6
 2004 Microchip Technology Inc.
4.0
WRITE OPERATION
4.1
Split Endurance
The 24C32 is organized as a continuous 32K block of
memory. However, the first 4K, starting at address 000,
is rated at 10,000,000 E/W cycles guaranteed. The
remainder of the array, 28K bits, is rated at 100,000 E/
W cycles guaranteed. This feature is helpful in applica-
tions in which some data change frequently, while a
majority of the data change infrequently. One example
would be a cellular telephone in which last-number
redial and microcontroller scratch pad require a high-
endurance block, while speed dials and lookup tables
change infrequently and so require only a standard
endurance rating.
4.2
Byte Write
Following the start condition from the master, the con-
trol code (four bits), the device select (three bits), and
the R/W bit which is a logic low are clocked onto the
bus by the master transmitter. This indicates to the
addressed slave receiver that a byte with a word
address will follow after it has generated an acknowl-
edge bit during the ninth clock cycle. Therefore the next
byte transmitted by the master is the high-order byte of
the word address and will be written into the address
pointer of the 24C32. The next byte is the least signifi-
cant address byte. After receiving another acknowl-
edge signal from the 24C32 the master device will
transmit the data word to be written into the addressed
memory location. The 24C32 acknowledges again and
the master generates a stop condition. This initiates the
internal write cycle, and during this time the 24C32 will
not generate acknowledge signals (Figure 4-1).
4.3
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24C32 in the same way as
in a byte write. But instead of generating a stop condi-
tion, the master transmits up to eight pages of eight
data bytes each (64 bytes total) which are temporarily
stored in the on-chip page cache of the 24C32. They
will be written from cache into the EEPROM array after
the master has transmitted a stop condition. After the
receipt of each word, the six lower order address
pointer bits are internally incremented by one. The
higher order seven bits of the word address remain
constant. If the master should transmit more than eight
bytes prior to generating the stop condition (writing
across a page boundary), the address counter (lower
three bits) will roll over and the pointer will be incre-
mented to point to the next line in the cache. This can
continue to occur up to eight times or until the cache is
full, at which time a stop condition should be generated
by the master. If a stop condition is not received, the
cache pointer will roll over to the first line (byte 0) of the
cache, and any further data received will overwrite pre-
viously captured data. The stop condition can be sent
at any time during the transfer. As with the byte write
operation, once a stop condition is received, an internal
write cycle will begin. The 64-byte cache will continue
to capture data until a stop condition occurs or the oper-
ation is aborted (Figure 4-2).
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE (FOR CACHE WRITE, SEE FIGURE 8-1)
0 000
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
Word
Address (1)
Word
Address (0)
DATA
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
S
P
BUS
MASTER
SDA LINE
BUS
CONTROL
BYTE
WORD
ADDRESS (1)
S
T
O
P
S
T
A
R
T
A
C
K
0
A
C
K
A
C
K
ACTIVITY
ACTIVITY
A
C
K
A
C
K
DATA n
DATA n + 7
00
WORD
ADDRESS (0)
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com