Electronic Components Datasheet Search
  English  ▼

X  

24C32 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 1 Page - Microchip Technology

  24C32 Datasheet HTML 1Page - Microchip Technology 24C32 Datasheet HTML 2Page - Microchip Technology 24C32 Datasheet HTML 3Page - Microchip Technology 24C32 Datasheet HTML 4Page - Microchip Technology 24C32 Datasheet HTML 5Page - Microchip Technology 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2004 Microchip Technology Inc.
DS21061H-page 1
FEATURES
• Voltage operating range: 4.5V to 5.5V
- Peak write current 3 mA at 5.5V
- Maximum read current 150
µA at 5.5V
- Standby current 1
µA typical
• Industry standard two-wire bus protocol, I2C
compatible
- Including 100 kHz and 400 kHz modes
• Self-timed write cycle (including auto-erase)
• Power on/off data protection circuitry
• Endurance:
- 10,000,000 Erase/Write cycles
guaranteed for High Endurance Block
- 1,000,000 E/W cycles guaranteed for
Standard Endurance Block
• 8 byte page, or byte modes available
• 1 page x 8 line input cache (64 bytes) for fast write
loads
• Schmitt trigger, filtered inputs for noise suppres-
sion
• Output slope control to eliminate ground bounce
• 2 ms typical write cycle time, byte or page
• Up to 8 chips may be connected to the same bus
for up to 256K bits total memory
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
•
Temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24C32 is a 4K x 8 (32K
bit) Serial Electrically Erasable PROM. This device has
been developed for advanced, low power applications
such as personal communications or data acquisition.
The 24C32 features an input cache for fast write loads
with a capacity of eight 8-byte pages, or 64 bytes. It
also features a fixed 4K-bit block of ultra-high endur-
ance memory for data that changes frequently. The
24C32 is capable of both random and sequential reads
up to the 32K boundary. Functional address lines allow
up to eight 24C32 devices on the same bus, for up to
256K bits address space. Advanced CMOS technol-
ogy makes this device ideal for low-power non-volatile
code and data applications. The 24C32 is available in
the standard 8-pin plastic DIP and 8-pin surface mount
SOIC package
- Commercial (C):
0°C to
+70°C
- Industrial (I):
-40°C to
+85°C
PACKAGE TYPES
BLOCK DIAGRAM
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
PDIP
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
SDA
SCL
VCC
VSS
I/O
A2
A1
A0
CACHE
24C32
32K 5.0V I2C™ Smart Serial™ EEPROM
I2C is a trademark of Philips Corporation.
Smart Serial is a trademark of Microchip Technology Inc.
Obsolete Device
Please use 24LC32A or 24LC65.


Similar Part No. - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
logo
ATMEL Corporation
24C32 ATMEL-24C32 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
logo
Microchip Technology
24C32-I/P MICROCHIP-24C32-I/P Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24C32-I/SM MICROCHIP-24C32-I/SM Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24C320-EP MICROCHIP-24C320-EP Datasheet
86Kb / 12P
32K 5.0V SPI Bus Serial EEPROM
2004
More results

Similar Description - 24C32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24LC32 MICROCHIP-24LC32 Datasheet
137Kb / 14P
32K 2.5V I2C??Smart Serial EEPROM
2004
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com