Electronic Components Datasheet Search
  English  ▼

X  

24C32 Datasheet(PDF) 9 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24C32 Datasheet HTML 5Page - Microchip Technology 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology 24C32 Datasheet HTML 10Page - Microchip Technology 24C32 Datasheet HTML 11Page - Microchip Technology 24C32 Datasheet HTML 12Page - Microchip Technology 24C32 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2004 Microchip Technology Inc.
DS21061H-page 9
24C32
7.0
PAGE CACHE AND ARRAY
MAPPING
The cache is a 64 byte (8 pages x 8 bytes) FIFO buffer.
The cache allows the loading of up to 64 bytes of data
before the write cycle is actually begun, effectively pro-
viding a 64-byte burst write at the maximum bus rate.
Whenever a write command is initiated, the cache
starts loading and will continue to load until a stop bit is
received to start the internal write cycle. The total
length of the write cycle will depend on how many
pages are loaded into the cache before the stop bit is
given. Maximum cycle time for each page is 5 ms. Even
if a page is only partially loaded, it will still require the
same cycle time as a full page. If more than 64 bytes of
data are loaded before the stop bit is given, the address
pointer will 'wrap around' to the beginning of cache
page 0 and existing bytes in the cache will be overwrit-
ten. The device will not respond to any commands
while the write cycle is in progress.
7.1
Cache Write Starting at a Page
Boundary
If a write command begins at a page boundary
(address bits A2, A1 and A0 are zero), then all data
loaded into the cache will be written to the array in
sequential addresses. This includes writing across a
4K block boundary. In the example shown below,
(Figure 8-1) a write command is initiated starting at
byte 0 of page 3 with a fully loaded cache (64 bytes).
The first byte in the cache is written to byte 0 of page 3
(of the array), with the remaining pages in the cache
written to sequential pages in the array. A write cycle is
executed after each page is written. Since the write
begins at page 3 and 8 pages are loaded into the
cache, the last 3 pages of the cache are written to the
next row in the array.
7.2
Cache Write Starting at a Non-Page
Boundary
When a write command is initiated that does not begin
at a page boundary (i.e., address bits A2, A1 and A0
are not all zero), it is important to note how the data is
loaded into the cache, and how the data in the cache is
written to the array. When a write command begins, the
first byte loaded into the cache is always loaded into
page 0. The byte within page 0 of the cache where the
load begins is determined by the three least significant
address bits (A2, A1, A0) that were sent as part of the
write command. If the write command does not start at
byte 0 of a page and the cache is fully loaded, then the
last byte(s) loaded into the cache will roll around to
page 0 of the cache and fill the remaining empty bytes.
If more than 64 bytes of data are loaded into the cache,
data already loaded will be overwritten. In the example
shown in Figure 8-2, a write command has been initi-
ated starting at byte 2 of page 3 in the array with a fully
loaded cache of 64 bytes. Since the cache started load-
ing at byte 2, the last two bytes loaded into the cache
wil l'roll over' and be loaded into the first two bytes of
page 0 (of the cache). When the stop bit is sent, page
0 of the cache is written to page 3 of the array. The
remaining pages in the cache are then loaded sequen-
tially to the array. A write cycle is executed after each
page is written. If a partially loaded page in the cache
remains when the STOP bit is sent, only the bytes that
have been loaded will be written to the array.
7.3
Power Management
This design incorporates a power standby mode when
the device is not in use and automatically powers off
after the normal termination of any operation when a
stop bit is received and all internal functions are com-
plete. This includes any error conditions, ie. not receiv-
ing an acknowledge or stop condition per the two-wire
bus specification. The device also incorporates VDD
monitor circuitry to prevent inadvertent writes (data cor-
ruption) during low-voltage conditions. The VDD moni-
tor circuitry is powered off when the device is in standby
mode in order to further reduce power consumption.
8.0
PIN DESCRIPTIONS
8.1
A0, A1, A2 Chip Address Inputs
The A0..A2 inputs are used by the 24C32 for multiple
device operation and conform to the two-wire bus stan-
dard. The levels applied to these pins define the
address block occupied by the device in the address
map. A particular device is selected by transmitting the
corresponding bits (A2, A1, A0) in the control byte
(Figure 3-3).
8.2
SDA Serial Address/Data Input/Output
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 2 KΩ for 400
kHz).
For normal data transfer SDA is allowed to change only
during SCL low.
Changes during SCL high
are
reserved for indicating the START and STOP condi-
tions.
8.3
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com