Electronic Components Datasheet Search
  English  ▼

X  

24C32 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24C32
Description  32K 5.0V I2C Smart Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C32 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24C32 Datasheet HTML 6Page - Microchip Technology 24C32 Datasheet HTML 7Page - Microchip Technology 24C32 Datasheet HTML 8Page - Microchip Technology 24C32 Datasheet HTML 9Page - Microchip Technology 24C32 Datasheet HTML 10Page - Microchip Technology 24C32 Datasheet HTML 11Page - Microchip Technology 24C32 Datasheet HTML 12Page - Microchip Technology 24C32 Datasheet HTML 13Page - Microchip Technology 24C32 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
24C32
 2004 Microchip Technology Inc.
DS21061H-page 11
24C32 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip Worldwide Web Site (www.microchip.com)
Package:
P = Plastic DIP (300 mil Body), 8-lead
SM = Plastic SOIC (207 mil Body, EIAJ standard)
Temperature
Blank = 0
°C to +70°C
Range:
I =-40
°C to +85°C
Device:
24C32
32K I2C Serial EEPROM (100 kHz/400 kHz)
24C32T
32K I2C Serial EEPROM (Tape and Reel)
24C32
-
/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com