Electronic Components Datasheet Search
  English  ▼

X  

TDA8310 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8310 Datasheet HTML 4Page - NXP Semiconductors TDA8310 Datasheet HTML 5Page - NXP Semiconductors TDA8310 Datasheet HTML 6Page - NXP Semiconductors TDA8310 Datasheet HTML 7Page - NXP Semiconductors TDA8310 Datasheet HTML 8Page - NXP Semiconductors TDA8310 Datasheet HTML 9Page - NXP Semiconductors TDA8310 Datasheet HTML 10Page - NXP Semiconductors TDA8310 Datasheet HTML 11Page - NXP Semiconductors TDA8310 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
February 1995
8
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC134).
Notes
1. Human body model 100 pF, 1500
Ω.
2. Machine model 200 pF, 0
Ω.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be found in the “Quality
Reference Handbook”. The handbook can be ordered using the code 9398 510 63011. All pins are protected against
electrostatic discharge by means of internal clamping diodes.
Latch up
At Tamb =70 °C most pins meet the specification:
Itrigger ≥ 100 mA or ≥ 1.5 VDDmax
Itrigger ≤−100 mA or ≤−0.5 VDDmax.
The following pins do not meet this specification:
pin 7 +90 mA
pin 21 +90 mA
pin 32
−90 mA
pin 46 +90 mA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
9.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−25
+70
°C
Tsld
soldering temperature for 5 s
−
260
°C
Tj
maximum operating junction temperature
−
150
°C
Ves
electrostatic discharge
note 1
−2000
+2000
V
note 2
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
≤40
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com