Electronic Components Datasheet Search
  English  ▼

X  

TDA8310 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8310 Datasheet HTML 15Page - NXP Semiconductors TDA8310 Datasheet HTML 16Page - NXP Semiconductors TDA8310 Datasheet HTML 17Page - NXP Semiconductors TDA8310 Datasheet HTML 18Page - NXP Semiconductors TDA8310 Datasheet HTML 19Page - NXP Semiconductors TDA8310 Datasheet HTML 20Page - NXP Semiconductors TDA8310 Datasheet HTML 21Page - NXP Semiconductors TDA8310 Datasheet HTML 22Page - NXP Semiconductors TDA8310 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
February 1995
19
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
24. The reference signal for the TDA8395 is available only when the crystal oscillator is operating at a frequency of
4.43 MHz. When a SECAM signal is identified this signal is only available during the vertical retrace period thus
avoiding crosstalk with the incoming SECAM signal during scan.
25. The identified colour standard can be read from the IC in two ways:
a) From the voltage level of pin 4. The voltage during the demodulation of the various standards is given in the last
three parameters of this section.
b) From the pins 23 to 26 when pin 27 is in the “read” mode.
When pin 27 is in the “write” mode the colour decoder can be forced to one of the colour standards. The levels for
the various standards are given in Tables 2, 3 and 4.
26. When one or more pins have to be connected to the positive supply line the total current must be limited to 40
µA.
This can be achieved by connecting these pins together and connecting them to a positive supply line via a 100 k
Ω
resistor. When separate resistors are used a resistor with a higher value must be used so that the total current is
limited to the required level.
27. The output of pin 4 is designed similar to the sandcastle output. The output is pulled down during PAL and pulled up
during SECAM. During NTSC the pin is floating so that the output level is determined by the load.
28. The control possibilities of the RGB switch via pins 13 and 52 are shown in Table 5.
29. This output signal value is obtained when the CVBS or Y input signal at pins 17 and/or 20 has an amplitude of 0.7 V
(black-to-white value).
30. The output buffer consists of a combination of a PMOS and an NMOS. The maximum output impedance in the low
state can be calculated by dividing the maximum output voltage (for this parameter 0.9 V) by the specified current.
For the high state this resistance can be calculated by dividing the difference between the maximum and minimum
output voltage by the specified current. The output impedance is independent of the value of the output current.
31. These output signal values are obtained for a colour bar input signal with 75% saturation.
Table 1 Output current of phase detector
Table 2 Read/write pin input (pin 27)
Table 3 Colour system logic (pins 25 and 26)
CURRENT PHASE
DETECTOR
DURING
SCAN
(
µA)
VERTICAL
RETRACE
(
µA)
GATED
YES/NO
Weak signal and
synchronized
30
30
YES
(5.7
µs)
Strong signal and
synchronized
180
270
NO
Not synchronized
180
270
NO
MODE
LEVEL
Decoder automatic
LOW
Forced decoder mode
HIGH
PIN 25
PIN 26
STANDARD
LOW
LOW
auto/no colour
LOW
HIGH
PAL
HIGH
LOW
NTSC
HIGH
HIGH
SECAM
Table 4 Crystal logic (pins 23 and 24)
Table 5 Control logic RGB switch (pins 13 and 52)
PIN 23
PIN 24
SELECTED CRYSTAL
(MHz)
LOW
LOW
4.43
LOW
HIGH
3.579 (NTSC)
HIGH
LOW
3.575 (PAL-M)
HIGH
HIGH
3.582 (PAL-N)
PIN 13
PIN 52
RGB
OUTPUT
FAST
BLANKING
OUTPUT
LOW
LOW
black
LOW
LOW
HIGH
RGB 2
HIGH
HIGH
LOW
RGB 1
HIGH
HIGH
HIGH
RGB 2
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com