Electronic Components Datasheet Search
  English  ▼

X  

TDA8310 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8310 Datasheet HTML 1Page - NXP Semiconductors TDA8310 Datasheet HTML 2Page - NXP Semiconductors TDA8310 Datasheet HTML 3Page - NXP Semiconductors TDA8310 Datasheet HTML 4Page - NXP Semiconductors TDA8310 Datasheet HTML 5Page - NXP Semiconductors TDA8310 Datasheet HTML 6Page - NXP Semiconductors TDA8310 Datasheet HTML 7Page - NXP Semiconductors TDA8310 Datasheet HTML 8Page - NXP Semiconductors TDA8310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
February 1995
3
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pins 19 and 41)
7.2
8.0
8.8
V
IP
supply current
−
70
−
mA
Input voltages
Vi(rms)
vision IF amplifier input sensitivity (RMS value)
−
70
100
µV
V17,20(p-p)
CVBS/Y input voltage (peak-to-peak value)
−
1
1.4
V
V16(p-p)
chrominance input voltage (peak-to-peak value)
−
0.3
−
V
Vi(p-p)
RGB/YUV input signal voltage amplitude
(peak-to-peak value)
−−
1.3
V
Output signals
Vo(p-p)
demodulated CVBS output voltage
(peak-to-peak value)
−
2.5
−
V
V29
tuner AGC control output voltage
0
−
12
V
Vo(p-p)
luminance output voltage (peak-to-peak value)
−
1.4
−
V
V50(p-p)
(B
−Y) output voltage (peak-to-peak value)
1.06
1.33
1.60
V
V51(p-p)
(R
−Y) output voltage (peak-to-peak value)
0.84
1.05
1.26
V
V39
horizontal sync pulse output voltage
−
4
−
V
V36
vertical sync pulse output voltage
−
4
−
V
Gv
voltage gain of the RGB switches
−0.5
0
+0.5
dB
Control voltage
Vcontrol
control voltage for HUE
0
−
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com