Electronic Components Datasheet Search
  English  ▼

X  

TDA8310 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8310
Description  PAL/NTSC colour processor for PIP applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8310 Datasheet HTML 13Page - NXP Semiconductors TDA8310 Datasheet HTML 14Page - NXP Semiconductors TDA8310 Datasheet HTML 15Page - NXP Semiconductors TDA8310 Datasheet HTML 16Page - NXP Semiconductors TDA8310 Datasheet HTML 17Page - NXP Semiconductors TDA8310 Datasheet HTML 18Page - NXP Semiconductors TDA8310 Datasheet HTML 19Page - NXP Semiconductors TDA8310 Datasheet HTML 20Page - NXP Semiconductors TDA8310 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
February 1995
17
Philips Semiconductors
Preliminary specification
PAL/NTSC colour processor for
PIP applications
TDA8310
Notes
1. On set AGC.
2. This parameter is not tested during production and is just given as application information for the designer of the
television receiver.
3. Measured with 0 dB = 500
µV.
4. Measured at 10 mV RMS top sync input signal.
5. So called projected zero point, i.e. with switched demodulator.
6. This parameter is not tested during production but is guaranteed by the design and qualified by means of matrix
batches which are made in the pilot production period.
7. Measured with a source impedance of 75
Ω, where:
8. When the leakage current of the capacitor exceeds this value it will result in a reduced performance of the AGC
(amplitude variation during line or frame up to 20% maximum) but it will not result in a hang-up situation.
9. Signal with negative-going sync. Amplitude includes sync pulse amplitude.
10. Burst amplitude; for a colour bar with 75% saturation the chrominance signal amplitude is 660 mV (p-p).
11. The IC has two 3-level switch control inputs for the selection of the video signal for the decoder and synchronization
circuits. The video source for internal or external signal is selected via pin 32, also the polarity of the demodulation
for the internal signal. When the video switch is in the external position the voltage level of pin 9 determines whether
the video filters are switched to CVBS or Y/C. It is also possible via pin 9 to select an automatic detection of the
Y/C signal.
12. This value is internally generated when the pin is left open-circuit (the minimum value of the series resistor is 25 k
Ω).
13. The
−3 dB bandwidth of the circuit can be calculated by means of the following equation:
14. Slicing level is independent of sync pulse amplitude.
15. The horizontal and vertical sync are stable while processing Copy Guard signals and signals with phase shifted sync
pulses (stretched tapes). Trick mode conditions of the VCR will also not disturb the synchronization. The value given
is the delay caused by the vertical sync pulse integrator. The integrator has been designed such that the vertical sync
is not disturbed for special anti-copy tapes with vertical sync pulses with an on/off time of 10/22
µs.
FAST BLANKING OUTPUT (PIN 5)
VOH
HIGH level output voltage
2
−
3V
VOL
LOW level output voltage
0
−
0.3
V
ZO
output impedance
−−
300
Ω
ZO(off)
output impedance in the “off” state
100
−−
k
Ω
tr
rise time of the output pulse
−−
30
ns
tf
fall time of the output pulse
−−
30
ns
td
delay difference between fast
blanking and RGB at the outputs
−−
30
ns
Iload
maximum load current
−−
1mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S/N = 20 log
V
O (black-to-white)
V
m rms
() B= 5 MHz
()
---------------------------------------------------------
f
3dB
–
f
osc 1
1
2Q
--------
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com