Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 13Page - Texas Instruments LP5024 Datasheet HTML 14Page - Texas Instruments LP5024 Datasheet HTML 15Page - Texas Instruments LP5024 Datasheet HTML 16Page - Texas Instruments LP5024 Datasheet HTML 17Page - Texas Instruments LP5024 Datasheet HTML 18Page - Texas Instruments LP5024 Datasheet HTML 19Page - Texas Instruments LP5024 Datasheet HTML 20Page - Texas Instruments LP5024 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Bank A
CH3/6/9/12/15/18/21
Bank B
CH4/7/10/13/16/19/22
Bank C
CH5/8/11/14/17/20/23
Independent
Ch0/ /
1 2
Figure 7-6. Bank PWM Control Example (Applicable to LP5024 VQFN and LP5018 VQFN only)
7.3.3 Current Range Setting
The constant-current value (ISET) of all 24 channels is set by a single external resistor, RIREF. The value of RIREF
can be calculated by Equation 1.
R
IREF =KIREF ×
V
IREF
I
SET
(1)
where:
• KIREF = 105
• VIREF = 0.7V
With the IREF pin floating, the output current is close to zero. With the IREF pin shorted to GND, the LP50xx
device provides internal current-limit protection, and the output-channel maximum current is limited to ILIM.
The LP50xx device supports two levels of maximum output current, IMAX.
• When VCC is in the range from 2.7V to 5.5V, and the Max_Current_Option (bit) = 0, IMAX = 25.5mA.
• When VCC is in the range from 3.3V to 5.5V, and the Max_Current_Option (bit) = 1, IMAX = 35mA.
7.3.4 Automatic Power-Save Mode
When all the LED outputs are inactive, the LP50xx device is able to enter power-save mode automatically, thus
lowering idle-current consumption down to 10μA (typical). Automatic power-save mode is enabled when register
bit Power_Save_EN = 1 (default) and all the LEDs are off for a duration of >30ms. Almost all analog blocks are
powered down in power-save mode. If any I2C command to the device occurs, the LP50xx device returns to
NORMAL mode.
7.3.5 Protection Features
7.3.5.1 Thermal Shutdown
The LP50xx device implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 160°C (typical), the device switches into shutdown mode.
The LP50xx device releases thermal shutdown when the junction temperature of the device is reduced to 145°C
(typical).
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com