Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 1 Page - Texas Instruments

  LP5024 Datasheet HTML 1Page - Texas Instruments LP5024 Datasheet HTML 2Page - Texas Instruments LP5024 Datasheet HTML 3Page - Texas Instruments LP5024 Datasheet HTML 4Page - Texas Instruments LP5024 Datasheet HTML 5Page - Texas Instruments LP5024 Datasheet HTML 6Page - Texas Instruments LP5024 Datasheet HTML 7Page - Texas Instruments LP5024 Datasheet HTML 8Page - Texas Instruments LP5024 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED
Drivers
1 Features
• Operating voltage range:
– VCC range: 2.7V to 5.5V
– EN, SDA, and SCL pins compatible with
1.8V, 3.3V, and 5V power rails
– Output maximum voltage: 6V
• 24 constant-current sinks with high precision
– 25.5mA maximum per channel with VCC in full
range
– 35mA maximum per channel when VCC ≥ 3.3V
– Device-to-device error: ±7%; channel-to-
channel error: ±7%
• Ultralow quiescent current:
– Shutdown mode: 1µA (maximum) with EN low
– Power saving mode: 10µA (typical) with EN
high and all LEDs off for > 30ms
• Integrated 12-bit, 29kHz PWM generator for each
channel:
– Independent color-mixing register per channel
– Independent brightness-control register per
RGB LED module
– Optional logarithmic- or linear-scale brightness
control
– Integrated 3-phase PWM-shifting scheme
• 3 programmable banks (R, G, B) for easy software
control of each color
• 2 external hardware address pins allow connecting
up to 4 devices
• Broadcast slave address allows configuring
multiple devices simultaneously
• Auto-increment allows writing or reading
consecutive registers within one transmission
• Up to 400kHz fast-mode I2C speed
2 Applications
LED lighting, indicator lights, and fun lights for:
• Smart speaker (with voice assistant)
• Smart home appliances
• Video doorbell
• Electronic smart lock
• Smoke and heat detector
• STB and DVR
• Smart router
• Handheld device
3 Description
In smart homes and other applications that use
human-machine-interaction, high-performance RGB
LED drivers are required. LED animation effects
such as flashing, breathing, and chasing greatly
improve user experience, and minimal system noise
is essential.
The LP50xx device is an 18- or 24-channel constant
current sink LED driver. The LP50xx device includes
integrated color mixing and brightness control,
and pre-configuration simplifies the software coding
process. Integrated 12-bit, 29kHz PWM generators for
each channel enable smooth, vivid color for LEDs,
and eliminate audible noise.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5024
VQFN (32)
4.00mm × 4.00mm
LP5018
VQFN (32)
4.00mm × 4.00mm
VSSOP (28)
7.30mm × 3.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
EN
SDA
SCL
OUT0
OUT1
OUT23
MCU
VCC
GND
LP5024
ADDR0
OUT2
VLED
IREF
OUT22
OUT21
VCAP
ADDR1
CVCAP
RIREF
VMCU
VCC
CVCC
Simplified Schematic
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5024 TI1-LP5024 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5024 TI2-LP5024 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5024 TI2-LP5024 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
LP5024RSMR TI1-LP5024RSMR Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5024RSMR TI2-LP5024RSMR Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
More results

Similar Description - LP5024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com