Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 4 Page - Texas Instruments

  LP5024 Datasheet HTML 1Page - Texas Instruments LP5024 Datasheet HTML 2Page - Texas Instruments LP5024 Datasheet HTML 3Page - Texas Instruments LP5024 Datasheet HTML 4Page - Texas Instruments LP5024 Datasheet HTML 5Page - Texas Instruments LP5024 Datasheet HTML 6Page - Texas Instruments LP5024 Datasheet HTML 7Page - Texas Instruments LP5024 Datasheet HTML 8Page - Texas Instruments LP5024 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
5 Pin Configuration and Functions
1
OUT0
24
NC
2
OUT1
23
NC
3
OUT2
22
NC
4
OUT3
21
NC
5
OUT4
20
NC
6
OUT5
19
NC
7
OUT6
18
OUT17
8
OUT7
17
OUT16
Not to scale
Exposed Thermal Pad (GND)
Figure 5-1. LP5018 RSM Package 32-Pin VQFN With Exposed Thermal Pad Top View
1
OUT0
24
OUT23
2
OUT1
23
OUT22
3
OUT2
22
OUT21
4
OUT3
21
OUT20
5
OUT4
20
OUT19
6
OUT5
19
OUT18
7
OUT6
18
OUT17
8
OUT7
17
OUT16
Not to scale
Exposed Thermal Pad
(GND)
Figure 5-2. LP5024 RSM Package 32-Pin VQFN With Exposed Thermal Pad Top View
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com