Electronic Components Datasheet Search
  English  ▼

X  

LP5024 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5024 Datasheet(HTML) 5 Page - Texas Instruments

  LP5024 Datasheet HTML 1Page - Texas Instruments LP5024 Datasheet HTML 2Page - Texas Instruments LP5024 Datasheet HTML 3Page - Texas Instruments LP5024 Datasheet HTML 4Page - Texas Instruments LP5024 Datasheet HTML 5Page - Texas Instruments LP5024 Datasheet HTML 6Page - Texas Instruments LP5024 Datasheet HTML 7Page - Texas Instruments LP5024 Datasheet HTML 8Page - Texas Instruments LP5024 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
OUT12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OUT13
OUT14
OUT15
OUT16
OUT17
OUT0
OUT1
GND
OUT10
OUT11
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
VCAP
IREF
EN
SCL
SDA
VCC
ADDR1
ADDR0
GND
Not to scale
Figure 5-3. LP5018 DGS Package 28-pin VSSOP Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
LP5018RSM
LP5024RSM
LP5018DGS
ADDR0
25
25
11
—
I2C slave-address selection pin. This pin must not be left floating.
ADDR1
26
26
12
—
I2C slave-address selection pin. This pin must not be left floating.
EN
30
30
16
I
Chip enable input pin
IREF
31
31
17
—
Output current-reference global-setting pin
NC
19, 20, 21, 22,
23, 24
—
—
—
No internal connection
OUT0
1
1
19
O
Current sink output 0. If not used, this pin can be left floating.
OUT1
2
2
20
O
Current sink output 1. If not used, this pin can be left floating.
OUT2
3
3
21
O
Current sink output 2. If not used, this pin can be left floating.
OUT3
4
4
22
O
Current sink output 3. If not used, this pin can be left floating.
OUT4
5
5
23
O
Current sink output 4. If not used, this pin can be left floating.
OUT5
6
6
24
O
Current sink output 5. If not used, this pin can be left floating.
OUT6
7
7
25
O
Current sink output 6. If not used, this pin can be left floating.
OUT7
8
8
26
O
Current sink output 7. If not used, this pin can be left floating.
OUT8
9
9
27
O
Current sink output 8. If not used, this pin can be left floating.
OUT9
10
10
1
O
Current sink output 9. If not used, this pin can be left floating.
OUT10
11
11
2
O
Current sink output 10. If not used, this pin can be left floating.
OUT11
12
12
3
O
Current sink output 11. If not used, this pin can be left floating.
OUT12
13
13
4
O
Current sink output 12. If not used, this pin can be left floating.
OUT13
14
14
5
O
Current sink output 13. If not used, this pin can be left floating.
OUT14
15
15
6
O
Current sink output 14. If not used, this pin can be left floating.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com