Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 14Page - Texas Instruments LP5018 Datasheet HTML 15Page - Texas Instruments LP5018 Datasheet HTML 16Page - Texas Instruments LP5018 Datasheet HTML 17Page - Texas Instruments LP5018 Datasheet HTML 18Page - Texas Instruments LP5018 Datasheet HTML 19Page - Texas Instruments LP5018 Datasheet HTML 20Page - Texas Instruments LP5018 Datasheet HTML 21Page - Texas Instruments LP5018 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
7.3.5.2 UVLO
The LP50xx device has an internal comparator that monitors the voltage at VCC. When VCC is below VUVF, reset
is active and the LP50xx device is in the INITIALIZATION state.
7.4 Device Functional Modes
INITIALIZATION
STANDBY
EN = H
From all states
RESET = FF or UVLO = H
SHUTDOWN
EN = L
From all states
VCC Power Up
Chip_EN = 1
Chip_EN = 0
NORMAL
POWER SAVE
I2C Command
Power_Save_EN =1 and
All LEDs off > 30ms
THERMAL
SHUTDOWN
TSD=H
TSD=L
Figure 7-7. Functional Modes
• INITIALIZATION: The device enters into INITIALIZATION mode when EN = H. In this mode, all the registers
are reset. Entry can also be from any state, if the RESET (register) = FFh or UVLO is active.
• NORMAL: The device enters the NORMAL mode when Chip_EN (register) = 1. ICC is 10mA (typical).
• POWER SAVE: The device automatically enters the POWER SAVE mode when Power_Save_EN (register)
= 1 and all the LEDs are off for a duration of > 30ms. In POWER SAVE mode, analog blocks are disabled
to minimize power consumption, but the registers retain the data and keep it available via I2C. ICC is 10µA
(typical). In case of any I2C command to this device, it returns to the NORMAL mode.
• SHUTDOWN: The device enters into SHUTDOWN mode from all states on VCC power up or when EN = L.
ICC is < 1µA (maximum).
• STANDBY: The device enters the STANDBY mode when Chip_EN (register) = 0. In this mode, all the
OUTx pins are shut down, but the registers retain the data and keep it available via I2C. STANDBY is the
low-power-consumption mode, when all circuit functions are disabled. ICC is 10µA (typical).
• THERMAL SHUTDOWN: The device automatically enters the THERMAL SHUTDOWN mode when the
junction temperature exceeds 160°C (typical). In this mode, all the OUTx outputs are shut down. If the
junction temperature decreases below 145°C (typical), the device returns to the NORMAL mode.
7.5 Programming
7.5.1 I2C Interface
The I2C-compatible two-wire serial interface provides access to the programmable functions and registers on the
device. This protocol uses a two-wire interface for bidirectional communications between the devices connected
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com