Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 21Page - Texas Instruments LP5018 Datasheet HTML 22Page - Texas Instruments LP5018 Datasheet HTML 23Page - Texas Instruments LP5018 Datasheet HTML 24Page - Texas Instruments LP5018 Datasheet HTML 25Page - Texas Instruments LP5018 Datasheet HTML 26Page - Texas Instruments LP5018 Datasheet HTML 27Page - Texas Instruments LP5018 Datasheet HTML 28Page - Texas Instruments LP5018 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
7.6.1 DEVICE_CONFIG0 (Address = 0h) [reset = 0h]
DEVICE_CONFIG0 is shown in Figure 7-13 and described in Table 7-6.
Return to Table 7-4.
Figure 7-13. DEVICE_CONFIG0 Register
7
6
5
4
3
2
1
0
RESERVED
Chip_EN
RESERVED
R/ W-0h
R/ W-0h
R/ W-0h
Table 7-6. DEVICE_CONFIG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/ W
0h
Reserved
6
Chip_EN
R/ W
0h
1 = LP50xx enabled
0 = LP50xx not enabled
5–0
RESERVED
R/ W
0h
Reserved
7.6.2 DEVICE_CONFIG1 (Address = 1h) [reset = 3Ch]
DEVICE_CONFIG1 is shown in Figure 7-14 and described in Table 7-7.
Return to Table 7-4.
Figure 7-14. DEVICE_CONFIG1 Register
7
6
5
4
3
2
1
0
RESERVED
Log_Scale_EN Power_Save_E
N
Auto_Incr_EN
PWM_Dithering
_EN
Optional_Headr
oom
LED_Global Off
R/ W-0h
R/ W-1h
R/ W-1h
R/ W-1h
R/ W-1h
R/ W-0h
R/ W-0h
Table 7-7. DEVICE_CONFIG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–6
RESERVED
R/ W
0h
Reserved
5
Log_Scale_EN
R/ W
1h
1 = Logarithmic scale dimming curve enabled
0 = Linear scale dimming curve enabled
4
Power_Save_EN
R/ W
1h
1 = Automatic power-saving mode enabled
0 = Automatic power-saving mode not enabled
3
Auto_Incr_EN
R/ W
1h
1 = Automatic increment mode enabled
0 = Automatic increment mode not enabled
2
PWM_Dithering_EN
R/ W
1h
1 = PWM dithering mode enabled
0 = PWM dithering mode not enabled
1
Max_Current_Option
R/ W
0h
1 = Output maximum current IMAX = 35 mA.
0 = Output maximum current IMAX = 25.5 mA.
0
LED_Global Off
R/ W
0h
1 = Shut down all LEDs
0 = Normal operation
7.6.3 LED_CONFIG0 (Address = 2h) [reset = 00h]
LED_CONFIG0 is shown in Figure 7-15 and described in Table 7-8.
Return to Table 7-4.
Figure 7-15. LED_CONFIG0 Register
7
6
5
4
3
2
1
0
LED7_Bank_E
N
LED6_Bank_E
N
LED5_Bank_E
N
LED4_Bank_E
N
LED3_Bank_E
N
LED2_Bank_E
N
LED1_Bank_E
N
LED0_Bank_E
N
R/ W-0h
R/ W-0h
R/ W-0h
R/ W-0h
R/ W-0h
R/ W-0h
R/ W-0h
R/ W-0h
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com