Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 23Page - Texas Instruments LP5018 Datasheet HTML 24Page - Texas Instruments LP5018 Datasheet HTML 25Page - Texas Instruments LP5018 Datasheet HTML 26Page - Texas Instruments LP5018 Datasheet HTML 27Page - Texas Instruments LP5018 Datasheet HTML 28Page - Texas Instruments LP5018 Datasheet HTML 29Page - Texas Instruments LP5018 Datasheet HTML 30Page - Texas Instruments LP5018 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
7.6.6 BANK_B_COLOR (Address = 5h) [reset = 00h]
BANK_B_COLOR is shown in Figure 7-18 and described in Table 7-11.
Return to Table 7-4.
Figure 7-18. BANK_B_COLOR Register
7
6
5
4
3
2
1
0
Bank_B_Color
R/ W-0h
Table 7-11. BANK_B_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Bank_B_Color
R/ W
0h
FFh = The color mixing percentage is 100%.
...
80h = The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
7.6.7 BANK_C_COLOR (Address = 6h) [reset = 00h]
BANK_C_COLOR is shown in Figure 7-19 and described in Table 7-12.
Return to Table 7-4.
Figure 7-19. BANK_C_COLOR Register
7
6
5
4
3
2
1
0
Bank_C_Color
R/ W-0h
Table 7-12. BANK_C_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Bank_C_Color
R/ W
0h
FFh = The color mixing percentage is 100%.
...
80h = The color mixing percentage is 50%.
...
00h = The color mixing percentage is 0%.
7.6.8 LED0_BRIGHTNESS (Address = 7h) [reset = FFh]
LED0_BRIGHTNESS is shown in Figure 7-20 and described in Table 7-13.
Return to Table 7-4.
Figure 7-20. LED0_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED0_Brightness
R/ W-FFh
Table 7-13. LED0_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED0_Brightness
R/ W
FFh
FFh = 100% of full intensity
...
80h = 50% of full intensity
...
00h = 0% of full intensity
7.6.9 LED1_BRIGHTNESS (Address = 8h) [reset = FFh]
LED1_BRIGHTNESS is shown in Figure 7-21 and described in Table 7-14.
www.ti.com
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com