Electronic Components Datasheet Search
  English  ▼

X  

LP5018 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5018
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5018 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5018 Datasheet HTML 10Page - Texas Instruments LP5018 Datasheet HTML 11Page - Texas Instruments LP5018 Datasheet HTML 12Page - Texas Instruments LP5018 Datasheet HTML 13Page - Texas Instruments LP5018 Datasheet HTML 14Page - Texas Instruments LP5018 Datasheet HTML 15Page - Texas Instruments LP5018 Datasheet HTML 16Page - Texas Instruments LP5018 Datasheet HTML 17Page - Texas Instruments LP5018 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
7.3.1.2.2 Logarithmic- or Linear-Scale Intensity Control
For human-eye-friendly visual performance, a logarithmic-scale dimming curve is usually implemented in LED
drivers. However, for RGB LEDs, if using a single register to achieve both color mixing and intensity control,
color distortion can be observed easily when using a logarithmic scale. The LP50xx device, with independent
color-mixing and intensity-control registers, implements the logarithmic scale dimming control inside the intensity
control function, which solves the color distortion issue effectively. See Figure 7-2. Also, the LP50xx device
allows users to configure the dimming scale either logarithmically or linearly through the global Log_Scale_EN
register. If a special dimming curve is desired, using the linear scale with software correction is the most flexible
approach. See Figure 7-3.
8 Bits Brightness
8 Bits Brightness
Brightness Control
Linear OR Logarithmic
Linear OR Logarithmic
Log_Scale_EN
Figure 7-2. Logarithmic- or Linear-Scale Intensity Control
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128
160
192
224
255
LEDx_BRIGHTNESS Register Input
Logarithmic Scale Dimming Curve
255
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128
160
192
224
LEDx_BRIGHTNESS Register Input
Linear Scale Dimming Curve
Figure 7-3. Logarithmic vs Linear Dimming Curve
7.3.1.3 12-Bit, 29-kHz PWM Generator Per Channel
7.3.1.3.1 PWM Generator
With the inputs of the color mixing and the intensity control, the final output PWM duty cycle is defined as the
product obtained by multiplying the color-mixing register value by the related intensity-control register value.
The final output PWM duty cycle has 12 bits of control accuracy, which is achieved by a 9 bits of pure PWM
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com