Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA892
Description  OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 3 Page - Texas Instruments

  OPA892 Datasheet HTML 1Page - Texas Instruments OPA892 Datasheet HTML 2Page - Texas Instruments OPA892 Datasheet HTML 3Page - Texas Instruments OPA892 Datasheet HTML 4Page - Texas Instruments OPA892 Datasheet HTML 5Page - Texas Instruments OPA892 Datasheet HTML 6Page - Texas Instruments OPA892 Datasheet HTML 7Page - Texas Instruments OPA892 Datasheet HTML 8Page - Texas Instruments OPA892 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
4 Pin Configuration and Functions
1
NULL
8
NULL
2
IN-
7
VCC+
3
IN+
6
OUT
4
VCC-
5
NC
Not to scale
Figure 4-1. OPA892: D Package, 8-Pin SOIC (Top View)
Table 4-1. Pin Functions: OPA892
PIN
TYPE
DESCRIPTION
NAME
NO.
IN–
2
Input
Inverting input
IN+
3
Input
Noninverting input
NC
5
—
No connection
NULL
1, 8
Input
Voltage offset adjust
OUT
6
Output
Output of amplifier
VCC–
4
—
Negative power supply
VCC+
7
—
Positive power supply
1
1OUT
8
VCC+
2
1IN-
7
2OUT
3
1IN+
6
2IN-
4
VCC-
5
2IN+
Not to scale
Figure 4-2. OPA2892: DGN Package, 8-pin HVSSOP (Top View)
Table 4-2. Pin Functions: OPA2892
PIN
TYPE
DESCRIPTION
NAME
NO.
1IN–
2
Input
Channel 1 inverting input
1IN+
3
Input
Channel 1 noninverting input
1OUT
1
Output
Channel 1 output
2IN–
6
Input
Channel 2 inverting input
2IN+
5
Input
Channel 2 noninverting input
2OUT
7
Output
Channel 2 output
VCC–
4
—
Negative power supply
VCC+
8
—
Positive power supply
Thermal pad
—
Thermal pad. DGN (HVSSOP) package only. For best thermal performance, connect pad to
large copper plane. Thermal pad can be connected to any pin on the device, or any other
potential on the board if voltage on thermal pad remains between VCC+ and VCC–.
www.ti.com
OPA892, OPA2892
SLOSEB4A – NOVEMBER 2023 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA892 OPA2892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com