Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA892
Description  OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA892 Datasheet HTML 6Page - Texas Instruments OPA892 Datasheet HTML 7Page - Texas Instruments OPA892 Datasheet HTML 8Page - Texas Instruments OPA892 Datasheet HTML 9Page - Texas Instruments OPA892 Datasheet HTML 10Page - Texas Instruments OPA892 Datasheet HTML 11Page - Texas Instruments OPA892 Datasheet HTML 12Page - Texas Instruments OPA892 Datasheet HTML 13Page - Texas Instruments OPA892 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VCC = ± 15 V, gain = +10 V/V, RL = 150 Ω, and RF = 220 Ω (unless otherwise noted)
Frequency (Hz)
-100
-90
-80
-70
-60
-50
100k
1M
10M
0.1
0.01
0.001
RL = 150 
RL = 1000 
VCC = ±15 V, VOUT = 2 VPP
Figure 5-19. Total Harmonic Distortion vs Frequency
Figure 5-20. OPA2892 Crosstalk vs Frequency
Time (50 ns/div)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
VCC = 5 V
VCC = 15 V
Figure 5-21. 1-V Step Response
Time (50 ns/div)
-3
-2
-1
0
1
2
3
VCC = ±5 V
Figure 5-22. 5-V Step Response
Time (50 ns/div)
-6
-4
-2
0
2
4
6
VCC = ±15 V
Figure 5-23. 10-V Step Response
Temperature (
C)
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Unit 1
Unit 2
Unit 3
3 typical units
Figure 5-24. Input Offset Voltage vs Ambient Temperature
OPA892, OPA2892
SLOSEB4A – NOVEMBER 2023 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA892 OPA2892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com