Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA892
Description  OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 4 Page - Texas Instruments

  OPA892 Datasheet HTML 1Page - Texas Instruments OPA892 Datasheet HTML 2Page - Texas Instruments OPA892 Datasheet HTML 3Page - Texas Instruments OPA892 Datasheet HTML 4Page - Texas Instruments OPA892 Datasheet HTML 5Page - Texas Instruments OPA892 Datasheet HTML 6Page - Texas Instruments OPA892 Datasheet HTML 7Page - Texas Instruments OPA892 Datasheet HTML 8Page - Texas Instruments OPA892 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage, VCC+ – VCC–
37
V
VI
Input voltage
±VCC
V
IO
Output current(2)
240
mA
VIO
Differential input voltage
±1.5
V
IIN
Continuous input current
10
mA
TJ
Junction temperature
Any condition
150
°C
Continuous operation, long-term
reliability(3)
125
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
When continuously operating at any output current, do not exceed the maximum junction temperature. Keep the output current less
than the absolute maximum rating regardless of time interval.
(3)
The maximum junction temperature for continuous operation is limited by package constraints. Operation greater than this temperature
can result in reduced reliability, lifetime of the device, or both.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
Dual-supply
±4.5
±15
±18
V
Single-supply
9
30
36
TA
Operating free-air temperature
–40
25
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
OPA892
OPA2892
UNIT
D (SOIC)
DGN (HVSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
124.5
52
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
65.0
75.2
°C/W
RθJB
Junction-to-board thermal resistance
72.2
24.5
°C/W
ΨJT
Junction-to-top characterization parameter
13.6
4
°C/W
ΨJB
Junction-to-board characterization parameter
71.4
24.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
9.1
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA892, OPA2892
SLOSEB4A – NOVEMBER 2023 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA892 OPA2892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com