Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA892
Description  OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA892 Datasheet HTML 2Page - Texas Instruments OPA892 Datasheet HTML 3Page - Texas Instruments OPA892 Datasheet HTML 4Page - Texas Instruments OPA892 Datasheet HTML 5Page - Texas Instruments OPA892 Datasheet HTML 6Page - Texas Instruments OPA892 Datasheet HTML 7Page - Texas Instruments OPA892 Datasheet HTML 8Page - Texas Instruments OPA892 Datasheet HTML 9Page - Texas Instruments OPA892 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VCC = ±15 V, and RL = 150 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
Open-loop gain
VCC = ±15 V, VO = ±10 V,
RL = 1 kΩ
TA = 25°C
93
100
dB
TA = full range
92
dB
VCC = ±5 V, VO = ±2.5 V,
RL = 1 kΩ
TA = 25°C
92
98
dB
TA = full range
91
dB
VOS
Input offset voltage
VCC = ±5 V or ±15 V, TA = 25°C
0.2
1
mV
Offset voltage drift
VCC = ±5 V or ±15 V, TA = full range
1
µV/°C
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = 25°C
9
20
µA
TA = full range
33
µA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = 25°C
30
250
nA
TA = full range
400
nA
Input offset current drift
VCC = ±5 V or ±15 V, TA = full range
0.2
nA/°C
INPUT CHARACTERISTICS
VICR
Common-mode input voltage
VCC = ±15 V
±13.8
±14.3
V
VCC = ±5 V
±3.8
±4.3
CMRR
Common-mode rejection ratio
VCC = ±15 V, VICR = ±12 V
TA = 25 °C
85
104
dB
TA = full range
80
VCC = ±5 V, VICR = ±2.5 V
TA = 25 °C
90
106
TA = full range
85
Input impedance
Common-mode
10 || 1.2
MΩ || pF
Differential-mode
6 ||1.8
kΩ || pF
OUTPUT CHARACTERISTICS
VO
Output voltage swing
VCC = ±15 V, RL = 250 Ω
±12
±12.9
V
VCC = ±5 V, RL = 150 Ω
±3
±3.5
VCC = ±15 V, RL = 1 kΩ
±13
±13.6
VCC = ±5 V, RL = 1 kΩ
±3.4
±3.8
IO
Output current
RL = 10 Ω
VCC = ±15 V
160
200
mA
VCC = ±5 V
120
160
RO
Output resistance(3)
Open-loop
8
Ω
POWER SUPPLY
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = 25°C
7.5
10
mA
TA = full range
11
VCC = ±5 V
TA = 25°C
9
TA = full range
6.5
10
PSRR
Power-supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25 °C
90
105
dB
TA = full range
85
(1)
Full-power bandwidth = slew rate / [π VO(P-P)].
(2)
Slew rate is measured from an output level range of 25% to 75%.
(3)
Keep junction temperature less than the absolute maximum rating when the output is heavily loaded or shorted; see also Section 5.1.
OPA892, OPA2892
SLOSEB4A – NOVEMBER 2023 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA892 OPA2892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com