Electronic Components Datasheet Search
  English  ▼

X  

SN74HCT240 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT240
Description  SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT240 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCT240 Datasheet HTML 1Page - Texas Instruments SN74HCT240 Datasheet HTML 2Page - Texas Instruments SN74HCT240 Datasheet HTML 3Page - Texas Instruments SN74HCT240 Datasheet HTML 4Page - Texas Instruments SN74HCT240 Datasheet HTML 5Page - Texas Instruments SN74HCT240 Datasheet HTML 6Page - Texas Instruments SN74HCT240 Datasheet HTML 7Page - Texas Instruments SN74HCT240 Datasheet HTML 8Page - Texas Instruments SN74HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
18
17
GND
1Y2
1Y3
2A2
V
CC
15
16
1A1
2Y4
1OE
1A3
2Y2
2A1
2A3
1Y4
2Y3
1A2
10
9
1A4
2Y1
1Y1
2OE
2A4
20
19
J, DGS, DW, N, NS, or PW package
20-Pin CDIP, SOIC, PDIP, NS, or TSSOP
Top View
FK Package
20-Pin LCCC
Top View
NAME(1)
PIN
TYPE
DESCRIPTION
1OE
1
I
Output enable 1
1A1
2
I
1A1 input
2Y4
3
O
2Y4 output
1A2
4
I
1A2 input
2Y3
5
O
2Y3 output
1A3
6
I
1A3 input
2Y2
7
O
2Y2 output
1A4
8
I
1A4 input
2Y1
9
O
2Y1 output
GND
10
—
Ground pin
2A1
11
I
2A1 input
1Y4
12
O
1Y4 output
2A2
13
I
2A2 input
1Y3
14
O
1Y3 output
2A3
15
I
2A3 input
1Y2
16
O
1Y2 output
2A4
17
I
2A4 input
1Y1
18
O
1Y1 output
2OE
19
I
Output enable 2
VCC
20
—
Power pin
(1)
I = input, O = output, P = power, FB = feedback, GND = ground, N/A = not applicable
www.ti.com
SN54HCT240, SN74HCT240
SCLS174H – MARCH 1984 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54HCT240 SN74HCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com