Electronic Components Datasheet Search
  English  ▼

X  

SN74HCT240 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT240
Description  SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCT240 Datasheet HTML 2Page - Texas Instruments SN74HCT240 Datasheet HTML 3Page - Texas Instruments SN74HCT240 Datasheet HTML 4Page - Texas Instruments SN74HCT240 Datasheet HTML 5Page - Texas Instruments SN74HCT240 Datasheet HTML 6Page - Texas Instruments SN74HCT240 Datasheet HTML 7Page - Texas Instruments SN74HCT240 Datasheet HTML 8Page - Texas Instruments SN74HCT240 Datasheet HTML 9Page - Texas Instruments SN74HCT240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5 Parameter Measurement Information
A.
CL includes probe and test-fixture capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2
is for an output with internal conditions such that the output is high except when disabled by the output control.
C.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D.
The outputs are measured one at a time with one input transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPZL and tPZH are the same as ten.
G.
tPLH and tPHL are the same as tpd.
Figure 5-1. Load Circuit and Voltage Waveforms
SN54HCT240, SN74HCT240
SCLS174H – MARCH 1984 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54HCT240 SN74HCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com