Electronic Components Datasheet Search
  English  ▼

X  

SN74HCT240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT240
Description  SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT240 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT240 Datasheet HTML 1Page - Texas Instruments SN74HCT240 Datasheet HTML 2Page - Texas Instruments SN74HCT240 Datasheet HTML 3Page - Texas Instruments SN74HCT240 Datasheet HTML 4Page - Texas Instruments SN74HCT240 Datasheet HTML 5Page - Texas Instruments SN74HCT240 Datasheet HTML 6Page - Texas Instruments SN74HCT240 Datasheet HTML 7Page - Texas Instruments SN74HCT240 Datasheet HTML 8Page - Texas Instruments SN74HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SNx4HCT240 Octal Buffers and Line Drivers With 3-State Outputs
1 Features
• Operating voltage range of 4.5V to 5.5V
• High-current outputs drive up to 15 LSTTL loads
• Low power consumption, 80μA max ICC
• Typical tpd = 12 ns
• ±6mA output drive at 5V
• Low input current of 1μA max
• Inputs are TTL-voltage compatible
• 3-state outputs drive bus lines or buffer memory
address registers
2 Description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The ’HCT240 devices are organized as two 4-bit
buffers/drivers with separate output-enable (OE)
inputs. When OE is low, the device passes inverted
data from the A inputs to the Y outputs. When OE is
high, the outputs are in the high-impedance state.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74HCT240
DGS (VSSOP, 20)
5.1mm × 4.9mm
5.1mm × 3mm
DW (SOIC, 20)
12.80mm x 10.3mm
12.80mm x 7.50mm
PDIP (20)
24.33mm × 9.4mm
24.33mm × 6.35mm
NS (SOP, 20)
12.6mm x 7.8mm
12.6mm x 5.3mm
PW (TSSOP, 20)
6.50mm x 6.4mm
6.50mm x 4.40mm
SN54HCT240
J (CDIP, 20)
24.2mm x 7.62mm
24.2 mm x 6.92mm
FK (LCCC, 20)
8.9mm x 8.9mm
8.9mm x 8.9mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Functional Block Diagram
SN54HCT240, SN74HCT240
SCLS174H – MARCH 1984 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT240 TI-SN74HCT240 Datasheet
84Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT240 TI-SN74HCT240 Datasheet
116Kb / 4P
OCTAL BUFFERS AND LINE DRIVERS CMOS LOGIC WITH 3-STATE OUTPUTS
SN74HCT240 TI-SN74HCT240 Datasheet
439Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT240 TI1-SN74HCT240 Datasheet
1Mb / 20P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT240DW TI-SN74HCT240DW Datasheet
84Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com