Electronic Components Datasheet Search
  English  ▼

X  

45LR60 Datasheet(PDF) 3 Page - International Rectifier

Part # 45LR60
Description  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR60 Datasheet(HTML) 3 Page - International Rectifier

  45LR60 Datasheet HTML 1Page - International Rectifier 45LR60 Datasheet HTML 2Page - International Rectifier 45LR60 Datasheet HTML 3Page - International Rectifier 45LR60 Datasheet HTML 4Page - International Rectifier 45LR60 Datasheet HTML 5Page - International Rectifier 45LR60 Datasheet HTML 6Page - International Rectifier 45LR60 Datasheet HTML 7Page - International Rectifier 45LR60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
45L(R), 150K/ KS(R) Series
3
www.irf.com
Bulletin I2037 rev. C 10/06
T
J
Max. junction operating temperature range
-40 to 200
T
stg
Max. storage temperature range
-40 to 200
RthJC
Max. thermal resistance, junction to case
0.25
DC operation
RthCS
Max. thermal resistance, case to heatsink
0.10
Mounting surface, smooth, flat and greased
T
Mounting torque
Min.
14.1 (125)
45L
Max.
17.0 (150)
Min.
12.2 (108)
Max.
15.0 (132)
150K
Min.
11.3 (100)
150KS
Max.
14.1 (125)
Min.
9.5 (85)
Max.
12.5 (110)
wt
Approximate weight
100 (3.5)
g (oz)
45L
DO-205AC (DO-30)
Case style
150K-A
DO-205AA (DO-8)
See Outline Table
150KS
B-42
Parameter
45L /150K
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
(lbf-in)
Not lubricated threads
Lubricated threads
Nm
(lbf-in)
Not lubricated threads
Lubricated threads
ΔR
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.031
0.023
T
J
= T
J
max.
120°
0.038
0.040
90°
0.048
0.053
60°
0.071
0.075
30°
0.120
0.121
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
K/W
Ordering Information Table
1
-
45
= Standard version
2
-
L
= Essential Part Number
3
-
R
= Stud Reverse Polarity (Anode to Stud)
None = Stud Normal Polarity (Cathode to Stud)
4
-
Voltage code: Code x 10 = V
RRM (See Voltage Ratings table)
45
L
R
60
1
2
3
4
Device Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com