Electronic Components Datasheet Search
  English  ▼

X  

45LR60 Datasheet(PDF) 1 Page - International Rectifier

Part # 45LR60
Description  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR60 Datasheet(HTML) 1 Page - International Rectifier

  45LR60 Datasheet HTML 1Page - International Rectifier 45LR60 Datasheet HTML 2Page - International Rectifier 45LR60 Datasheet HTML 3Page - International Rectifier 45LR60 Datasheet HTML 4Page - International Rectifier 45LR60 Datasheet HTML 5Page - International Rectifier 45LR60 Datasheet HTML 6Page - International Rectifier 45LR60 Datasheet HTML 7Page - International Rectifier 45LR60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Alloy diode
High current carrying capability
High surge current capabilities
Stud cathode and stud anode version
RoHS Compliant
Typical Applications
Battery charges
Welders
Machine tool controls
High power drives
Medium traction applications
Freewheeling diodes
Major Ratings and Characteristics
I
F(AV)
150
A
@ T
C
150
°C
I
F(RMS)
235
A
I
FSM
@ 50Hz
3570
A
@ 60Hz
3740
A
I2t@ 50Hz
64
KA2s
@ 60Hz
58
KA
2s
V
RRM
range
100 to 600
V
T
J
- 40 to 200
°C
Parameters
45L /150K
Units
case style
DO-205AA (DO-8)
1
150A
STANDARD RECOVERY DIODES
Stud Version
SERIES
45L(R), 150K/ KS(R)
Bulletin I2037 rev. C 10/06
www.irf.com


Similar Part No. - 45LR60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
45LR60 VISHAY-45LR60 Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
Naina Semiconductor ltd...
45LR60 NAINA-45LR60 Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Vishay Siliconix
45LR60 VISHAY-45LR60 Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
45LR60 NJSEMI-45LR60 Datasheet
66Kb / 2P
Standard Recovery Diodes (Stud Version), 150 A
More results

Similar Description - 45LR60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com