Electronic Components Datasheet Search
  English  ▼

X  

45LR60 Datasheet(PDF) 6 Page - International Rectifier

Part # 45LR60
Description  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR60 Datasheet(HTML) 6 Page - International Rectifier

  45LR60 Datasheet HTML 1Page - International Rectifier 45LR60 Datasheet HTML 2Page - International Rectifier 45LR60 Datasheet HTML 3Page - International Rectifier 45LR60 Datasheet HTML 4Page - International Rectifier 45LR60 Datasheet HTML 5Page - International Rectifier 45LR60 Datasheet HTML 6Page - International Rectifier 45LR60 Datasheet HTML 7Page - International Rectifier 45LR60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
45L(R), 150K/ KS(R) Series
6
www.irf.com
Bulletin I2037 rev. C 10/06
140
150
160
170
180
190
200
0
20
40
60
80
100 120 140 160
30°
60°
90°
120°
180°
Cond uction Angle
Average Forward Current (A)
45L...,150... Series
R
(DC) = 0.25 K/ W
thJC
140
150
160
170
180
190
200
0
50
100
150
200
250
DC
30°
60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
45L..., 150... Series
R
(DC) = 0.25 K/ W
thJC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/ W
1.5 K
/ W
1 K
/ W
0.8
K/ W
0.6
K/
W
250
0
50
100
150
200
250
0
50
100
150
200
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average Forward Current (A)
45L..., 150... Series
T = 200°C
J
25
50
75
100
125
150
175
200
Maximum Allowa ble Ambient Temperature (°C)
0.8
K/W
1.5
K/ W
2 K/
W
3 K/ W
1
K/W
160
0
20
40
60
80
100
120
140
160
180
0
40
80
120
RMSLimit
180°
120°
90°
60°
30°
Cond uction Angle
Average Forward Current (A)
45L..., 150... Series
T = 200°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com