Electronic Components Datasheet Search
  English  ▼

X  

45LR60 Datasheet(PDF) 4 Page - International Rectifier

Part # 45LR60
Description  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR60 Datasheet(HTML) 4 Page - International Rectifier

  45LR60 Datasheet HTML 1Page - International Rectifier 45LR60 Datasheet HTML 2Page - International Rectifier 45LR60 Datasheet HTML 3Page - International Rectifier 45LR60 Datasheet HTML 4Page - International Rectifier 45LR60 Datasheet HTML 5Page - International Rectifier 45LR60 Datasheet HTML 6Page - International Rectifier 45LR60 Datasheet HTML 7Page - International Rectifier 45LR60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
45L(R), 150K/ KS(R) Series
4
www.irf.com
Bulletin I2037 rev. C 10/06
45L
Case Style
DO-205AC (DO-30)
Outline Table
All dimensions in millimeters (inches)
Ordering Information Table
15
0
K
R
60
A
1
2
3
4
5
Device Code
1
-
15 = Essential Part Number
2
-
0
= Standard Device
3
-
Case Style
K
= DO205AA (DO-8)
KS = B-42
4
-
R
= Stud Reverse Polarity (Anode to Stud)
None = Stud Normal Polarity (Cathode to Stud)
5
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
6
-
A
= Essential Part Number for 150K (Omitted for 150KS)
NOTE: For Metric Device M12 x 1.75 Contact Factory
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com