Electronic Components Datasheet Search
  English  ▼

X  

TDA8512 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8512
Description  26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8512 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8512 Datasheet HTML 1Page - NXP Semiconductors TDA8512 Datasheet HTML 2Page - NXP Semiconductors TDA8512 Datasheet HTML 3Page - NXP Semiconductors TDA8512 Datasheet HTML 4Page - NXP Semiconductors TDA8512 Datasheet HTML 5Page - NXP Semiconductors TDA8512 Datasheet HTML 6Page - NXP Semiconductors TDA8512 Datasheet HTML 7Page - NXP Semiconductors TDA8512 Datasheet HTML 8Page - NXP Semiconductors TDA8512 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2001 Nov 16
2
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE or
4
× 13 W SE power amplifier
TDA8512J
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Mode select switch
8.2
Mode select
8.3
Built-in protection circuits
8.4
Short-circuit protection
9
LIMITING VALUES
10
HANDLING
11
THERMAL CHARACTERISTICS
12
DC CHARACTERISTICS
13
AC CHARACTERISTICS
14
APPLICATION INFORMATION
14.1
Input configuration
14.2
Output power
14.3
Power dissipation
14.4
Supply Voltage Ripple Rejection (SVRR)
14.5
Switch-on and switch-off
14.6
PCB layout and grounding
14.7
Typical performance characteristics
15
PACKAGE OUTLINE
16
SOLDERING
16.1
Introduction to soldering through-hole mount
packages
16.2
Soldering by dipping or by solder wave
16.3
Manual soldering
16.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
17
DATA SHEET STATUS
18
DEFINITIONS
19
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com