Electronic Components Datasheet Search
  English  ▼

X  

SW20N50D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW20N50D
Description  N-channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW20N50D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW20N50D Datasheet HTML 1Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 2Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 3Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 4Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
October 2012 : Rev0
3/5
0
5
10
15
20
0
10
20
30
40
50
60
Top V
GS
=15.0V
10.0V
9.0V
8.0V
7.0V
6.0V
Bottom
5.5V
1. T
C
= 25℃
2. 250μs Pulse Test
Drain-Source Voltage, V
DS
[V]
2
4
6
8
10
0.1
1
10
100
V
DS
= 30V
250 μs Pulse Test
-55℃
150℃
25℃
Gate-Source Voltage, V
GS
[V]
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
V
GS
= 20V
V
GS
= 10V
T
J
= 25℃
Drain Current,I
D
[A]
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
25℃
150℃
V
GS
= 0V
250μs Pulse Test
Source-Drain Voltage, V
SD
[V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
V
GS
= 0 V
f = 1 MHz
C
rss
C
oss
C
iss
Drain-Source Voltage, V
DS
[V]
0
10
20
30
40
50
0
2
4
6
8
10
12
V
DS
= 250V
V
DS
= 100V
V
DS
= 400V
I
D
= 20A
Total Gate Charge, Q
G
[nC]
SW20N50D
www.seawontech.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com