Electronic Components Datasheet Search
  English  ▼

X  

SW20N50D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW20N50D
Description  N-channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW20N50D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW20N50D Datasheet HTML 1Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 2Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 3Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 4Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
October 2012 : Rev0
4/5
-80
-40
0
40
80
120
160
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
V
GS = 0 V
I
D
= 250 μA
Junction Temperature,T
J
[
oC]
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
V
DS
= V
GS
I
D
= 250  A
Junction Temperature, T
J
[
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
t
T
PDM
Duty = t/T
Z
thJC
(t) = 0.4 ℃/W Max.
single pulse
Duty=0.5
0.02
0.2
0.05
0.1
0.01
Pulse Width, t [sec]
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = 10 V
I
D
= 10 A
Junction Temperature, T
J
[
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
100 us
DC
100 ms
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
T
C
= 25
oC
T
J
= 150
oC
Single Pulse
Drain-Source Voltage, V
DS
[V]
25
50
75
100
125
150
0
5
10
15
20
Case Temperature, T
C
[℃]
SW20N50D
www.seawontech.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com