Electronic Components Datasheet Search
  English  ▼

X  

SW20N50D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW20N50D
Description  N-channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW20N50D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW20N50D Datasheet HTML 1Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 2Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 3Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 4Page - List of Unclassifed Manufacturers SW20N50D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2012 : Rev0
1/5
SW20N50D
Features
 Low gate charge
 100% avalanche tested
 Improved dv/dt capability
 RoHS compliant
 JEDEC Qualification
Absolute Maximum Ratings
Parameter
Symbol
SW20N50D
Unit
Drain-Source Voltage
V
DS
500
V
Gate-Source Voltage
V
GS
±30
V
Continuous Drain Current
T
C = 25 ℃
I
D
20
A
T
C = 100 ℃
12.4
A
Pulsed Drain Current (Note 1)
I
DM
80
A
Single Pulse Avalanche Energy (Note 2)
E
AS
770
mJ
Repetitive Avalanche Current (Note 1)
I
AR
20
A
Repetitive Avalanche Energy (Note 1)
E
AR
31.2
mJ
Power Dissipation
T
C = 25 ℃
P
D
312
W
Derate above 25 ℃
2.5
W/℃
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
T
J, TSTG
-55~150
℃
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
T
L
300
℃
Thermal Characteristics
Parameter
Symbol
SW20N50D
Unit
Maximum Thermal resistance, Junction-to-Case
RqJC
0.4
℃/W
Maximum Thermal resistance, Junction-to-Ambient
RqJA
62.5
℃/W
* Limited only by maximum junction temperature
Device
Package
Marking
Remark
SW20N50D
TO-3PN
SW20N50D
RoHS
BV
DSS
I
D
R
DS(on)
500V
20A
< 0.3
W
N-channel MOSFET
www.seawontech.com


Similar Part No. - SW20N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N50 SEMIPOWER-SW20N50 Datasheet
711Kb / 7P
N-channel Power MOSFET
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
N-channel TO-3P MOSFET
More results

Similar Description - SW20N50D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com