Electronic Components Datasheet Search
  English  ▼

X  

CS410M1A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS410M1A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS410M1A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS410M1A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本:202108A
1/9
反向阻断三极晶闸管
Thyristors(SCR)
CS410M1A
主要参数
MAIN CHARACTERISTICS
IT(AV)
4A
VDRM/VRRM
600V
IGT
1-15mA
封装 Package
序号
Pin
引线名称
Description
1
阴极
K
2
阳极
A
3
门极
G
用途
⚫
半交流开关
⚫
相位控制
APPLICATIONS
⚫ Half AC switching
⚫ Phase control
产品特性
⚫
玻璃钝化芯片,高可靠性和一致性
⚫
低通态电流和高浪涌电流能力
⚫
环保 RoHS 产品
FEATURES
⚫ Glass-passivated mesa chip for reliability and uniform
⚫ Low on-state voltage and High ITSM
⚫ RoHS products
TO-220
TO-220C
DPAK
TO-220MF-K1
IPAK
TO-263


Similar Part No. - CS410M1A

ManufacturerPart #DatasheetDescription
logo
Clarke International
CS41000BO CLARKE-CS41000BO Datasheet
2Mb / 8P
4-SHELF INDUSTRIAL BOLTLESS SHELVING
GC0416
logo
Coilcraft lnc.
CS4100V-01L COILCRAFT-CS4100V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
CS4100V-01L COILCRAFT-CS4100V-01L Datasheet
255Kb / 1P
Current Sense Transformers
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
logo
ON Semiconductor
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
More results

Similar Description - CS410M1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
NEC
2S2M NEC-2S2M Datasheet
188Kb / 6P
THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com