Electronic Components Datasheet Search
  English  ▼

X  

CS410M1A Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS410M1A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS410M1A Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS410M1A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R
CS410M1A
版本:202108A
4/9
静态特性 STATIC CHARACTERISTICS (TC=25℃ unless otherwise stated)
动态特性 DYNAMIC CHARACTERISTICS (TC=25℃ unless otherwise stated)
热特性 THERMAL CHARACTERISTIC
电绝缘特性 ELECTRICAL ISOLATION
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
min
典型
typ
最大
max
单位
Unit
断态峰值重复电流
Peak Repetitive Blocking Current
IDRM
VDM= VDRM(MAX),
Tj=125℃
-
-
1.0
mA
反向峰值重复电流
Peak Repetitive Reverse Current
IRRM
VRM= VRRM(MAX),
Tj=125℃
-
-
1.0
mA
峰值通态电压
Peak on-state voltage
VTM
ITM=23A
-
1.40
1.75
V
门极触发电流
Gate trigger current
IGT
VDM=12V,IT=0.1A
1
4
15
mA
门极触发电压
Gate trigger voltage
VGT
VDM=12V,IT=0.1A
-
0.8
1.5
V
维持电流
Holding current
IH
VDM=12V, IGT=0.1A
-
-
25
mA
擎住电流
Latching
current
IL
VDM=12V, IGT=0.1A
-
-
40
mA
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
min
典型
typ
最大
max
单位
Unit
断态临界电压上升率
Critical rate of rise of
off- state voltage
dV/dt
VDM=67% VDRM(MAX),
Tj=125℃
100
-
-
V/μs
项
目
Parameter
符
号
Symbol
值
value
单位
Unit
结到管壳的热
Thermal resistance junction to case
TO-220(C)\TO-263
Rth(j-c)
1.3 max
℃/W
DPAK\IPAK
Rth(j-c)
1.8 max
结到散热片的热阻 Thermal
resistance junctiontoheatsink
TO-220MF-K1
Rth(j-hs)
4.5 max
结到环境的热阻 Thermal resistance junctiontoambient ( half cycle)
Rth(j-a)
60 typ
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
数值
Value
单位
Unit
绝缘电压 Isolation voltage
VISOL
1 minute, leads to mounting tab
TO-220MF-K1
2000
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com