Electronic Components Datasheet Search
  English  ▼

X  

CS410M1A Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS410M1A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS410M1A Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS410M1A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
R
CS410M1A
版本:202108A
6/9
TO-220
单位 Unit :mm
DPAK
单位 Unit :mm
A
4.40-4.80
B
1.10-1.40
b
0.70-0.95
c
0.28-0.48
c1
0.32-0.52
D
14.45-16.00
D2
8.20-9.20
E
9.60-10.40
e
2.39-2.69
F
1.20-1.35
L
13.05-14.05
L2
3.70-3.90
Q
2.40-3.00
Q1
2.20-2.90
P
3.50-4.00
A
2.16-2.41
A1
0.97-1.17
A2
0.00-0.15
b
0.63-0.93
b1
5.13-5.53
b2
0.66-0.96
c
0.40-0.60
D
5.80-6.40
E
6.30-6.90
e
2.286 BSC
L
2.50-3.30
L1
1.20-1.80
L2
0.60-1.00
L3
0.85-1.30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com