Electronic Components Datasheet Search
  English  ▼

X  

CS410M1A Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS410M1A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS410M1A Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS410M1A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS410M1A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
CS410M1A
版本:202108A
5/9
通
态
峰
值
耗
散
功
率
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
通态平均电流 IT(AV) (A)
通态电压 VTM (V)
外形尺寸 PACKAGE MECHANICAL DATA
TO-220C
单位 Unit :mm
A
4.30-4.70
B
1.22-1.40
b
0.70-0.95
c
0.40-0.65
D
15.2-16.2
D2
9.00-9.40
E
9.70-10.10
e
2.39-2.69
F
1.25-1.40
L
12.60-13.60
L2
2.80-3.20
Q
2.60-3.00
Q1
2.20-2.60
P
3.50-3.80
通
态
电
流
Pt- IT(AV)
IT
– VTM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com