Electronic Components Datasheet Search
  English  ▼

X  

TDA8569Q Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8569Q Datasheet HTML 3Page - NXP Semiconductors TDA8569Q Datasheet HTML 4Page - NXP Semiconductors TDA8569Q Datasheet HTML 5Page - NXP Semiconductors TDA8569Q Datasheet HTML 6Page - NXP Semiconductors TDA8569Q Datasheet HTML 7Page - NXP Semiconductors TDA8569Q Datasheet HTML 8Page - NXP Semiconductors TDA8569Q Datasheet HTML 9Page - NXP Semiconductors TDA8569Q Datasheet HTML 10Page - NXP Semiconductors TDA8569Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Mar 27
7
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
18
V
non-operating
−
30
V
load dump protection;
during 50 ms; tr ≥ 2.5 ms
−
45
V
Vsc(safe)
short-circuit safe voltage
−
18
V
Vrp
reverse polarity voltage
−
6V
IOSM
non-repetitive peak output current
−
10
A
IORM
repetitive peak output current
−
7.5
A
Ptot
total power dissipation
−
60
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Fig.6)
1
K/W
Fig.6 Equivalent thermal resistance network.
handbook, halfpage
3.2 K/W
0.2 K/W
3.2 K/W
3.2 K/W
3.2 K/W
virtual junction
OUT1
OUT2
OUT3
OUT4
case
MGG157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com