Electronic Components Datasheet Search
  English  ▼

X  

TDA8569Q Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8569Q Datasheet HTML 7Page - NXP Semiconductors TDA8569Q Datasheet HTML 8Page - NXP Semiconductors TDA8569Q Datasheet HTML 9Page - NXP Semiconductors TDA8569Q Datasheet HTML 10Page - NXP Semiconductors TDA8569Q Datasheet HTML 11Page - NXP Semiconductors TDA8569Q Datasheet HTML 12Page - NXP Semiconductors TDA8569Q Datasheet HTML 13Page - NXP Semiconductors TDA8569Q Datasheet HTML 14Page - NXP Semiconductors TDA8569Q Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Mar 27
11
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
Test information
Figures 8 to 13 have the following conditions: VP = 14.4 V; RL =4 Ω; f = 1 kHz; 80 kHz filter used; unless otherwise
specified.
Fig.8 IP as a function of VP.
handbook, halfpage
0
300
200
100
0
4
VP (V)
IP
(mA)
20
812
16
MGD921
Fig.9 Po as a function of VP.
(1) EIAJ.
(2) 10%.
(3) 0.5%.
handbook, halfpage
818
60
0
(1)
(2)
(3)
20
40
10
Po
(W)
VP (V)
12
14
16
MGD922
Fig.10 THD + N as a function of Po.
handbook, halfpage
10
1
Po (W)
10−1
10−2
MBK008
10−1
10−2
110
102
THD
+N
(%)
1 kHz
f = 10 kHz
100 Hz
Fig.11 THD + N as a function of frequency.
handbook, halfpage
10
1
f (Hz)
10−1
10−2
MGD924
10
102
103
104
105
THD
+N
(%)
10 W
1 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com