Electronic Components Datasheet Search
  English  ▼

X  

TDA8569Q Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8569Q Datasheet HTML 6Page - NXP Semiconductors TDA8569Q Datasheet HTML 7Page - NXP Semiconductors TDA8569Q Datasheet HTML 8Page - NXP Semiconductors TDA8569Q Datasheet HTML 9Page - NXP Semiconductors TDA8569Q Datasheet HTML 10Page - NXP Semiconductors TDA8569Q Datasheet HTML 11Page - NXP Semiconductors TDA8569Q Datasheet HTML 12Page - NXP Semiconductors TDA8569Q Datasheet HTML 13Page - NXP Semiconductors TDA8569Q Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Mar 27
10
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
TEST AND APPLICATION INFORMATION
Fig.7 Application circuit diagram.
Special care must be taken in the PCB-layout to separate pin 9 from the pins 10, 11 13 and 14 to minimize the crosstalk between the clip output
and the inputs.
To avoid switch-on plops, it is advised to keep the amplifier in the mute mode during a period of
≥150 ms (charging the input capacitors at pin
10, 11, 13 and 14).
handbook, full pagewidth
MBK011
OUT1
+
RL = 4 Ω
OUT1
−
+
−
+
−
Vref
2
IN1
input 1
IN2
input 2
4
15
10
MODE
2200
µF
100 nF
23
+14.4 V
16
8
1
VP1
VP2
VP3
VP4
VP
30 k
Ω
OUT2
+
RL = 4 Ω
OUT2
−
+
−
+
−
7
5
11
30 k
Ω
470 nF
470 nF
470 nF
470 nF
21
18
6
3
PGND1
PGND2
PGND3
PGND4
power ground (substrate)
OUT3
+
RL = 4 Ω
OUT3
−
+
−
+
−
Vref
17
IN3
SGND
TDA8569Q
input 3
IN4
input 4
19
13
12
30 k
Ω
OUT4
+
RL = 4 Ω
OUT4
−
+
−
+
−
22
20
14
30 k
Ω
10 k
Ω
VDIAG
+VP
DIAGNOSTIC
diagnostic
output
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com