Electronic Components Datasheet Search
  English  ▼

X  

TDA8569Q Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8569Q
Description  4 x 25 W BTL quad car radio power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8569Q Datasheet HTML 12Page - NXP Semiconductors TDA8569Q Datasheet HTML 13Page - NXP Semiconductors TDA8569Q Datasheet HTML 14Page - NXP Semiconductors TDA8569Q Datasheet HTML 15Page - NXP Semiconductors TDA8569Q Datasheet HTML 16Page - NXP Semiconductors TDA8569Q Datasheet HTML 17Page - NXP Semiconductors TDA8569Q Datasheet HTML 18Page - NXP Semiconductors TDA8569Q Datasheet HTML 19Page - NXP Semiconductors TDA8569Q Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1997 Mar 27
16
Philips Semiconductors
Preliminary specification
4
× 25 W BTL quad car radio power
amplifier
TDA8569Q
PACKAGE OUTLINE
UNIT A2
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
4.6
4.3
A4
1.15
0.85
A5
1.65
1.35
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT411-1
96-10-11
0
5
10 mm
scale
D
L
L1
L2
E2
E
c
A4
A5
A2
m
L3
E1
Q
w M
b p
1
d
Z
e
2
e
e
123
j
DBS23P: plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm)
SOT411-1
v M
D
x
h
Eh
non-concave
view B: mounting base side
B
β
e 1
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
0.75
0.60
0.55
0.35
30.4
29.9
28.0
27.5
12
2.54
12.2
11.8
10.15
9.85
1.27
e 2
5.08
2.4
1.6
Eh
6
E 1
14.0
13.0
L 1
10.7
9.9
L 2
6.2
5.8
E 2
1.43
0.78
2.1
1.8
1.85
1.65
4.3
3.6
2.8
Q
j
0.25
w
0.6
v
0.03
x
45
°
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com