Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 288 page
background image
FLASH Memory
Data Sheet
MC68HC908BD48 — Rev. 2.1
58
FLASH Memory
Freescale Semiconductor
4. Set the HVEN bit.
5. Wait for a time, tErase (min. 2ms)
6. Clear the ERASE bit.
7. Wait for a time, tnvh (min. 5µs)
8. Clear the HVEN bit.
9. After a time, trcv (min. 1µs), the memory can be accessed again in
read mode.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.
4.6 FLASH Mass Erase Operation
Use the following procedure to erase entire FLASH memory:
1. Set both the ERASE bit, and the MASS bit in the FLASH control
register.
2. Write any data to any FLASH address within the FLASH memory
address range.
3. Wait for a time, tnvs (5µs).
4. Set the HVEN bit.
5. Wait for a time, tMErase (4ms).
6. Clear the ERASE bit.
7. Wait for a time, tnvhl (100µs).
8. Clear the HVEN bit.
9. After time, trcv (1µs), the memory can be accessed again in read
mode.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com