| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc |
|
119 / 288 page ![]() Monitor ROM (MON) MC68HC908BD48 — Rev. 2.1 Data Sheet Freescale Semiconductor Monitor ROM (MON) 119 Alternatively, the host can send a RUN command, which executes an RTI, and this can be used to send control to the address on the stack pointer. The COP module is disabled in monitor mode as long as VTST is applied to the IRQ or the RST pin. (See Section 7. System Integration Module (SIM) for more information on modes of operation.) Table 9-2 is a summary of the differences between user mode and monitor mode. 9.4.2 Data Format Communication with the monitor ROM is in standard non-return-to-zero (NRZ) mark/space data format. (See Figure 9-2 and Figure 9-3.) Figure 9-2. Monitor Data Format Figure 9-3. Sample Monitor Waveforms Table 9-2. Mode Differences Modes Functions COP Reset Vector High Reset Vector Low SWI Vector High SWI Vector Low User Enabled $FFFE $FFFF $FFFC $FFFD Monitor Disabled(1) Notes: 1. If the high voltage (VTST) is removed from the IRQ pin, the SIM asserts its COP enable output. The COP is a mask option enabled or disabled by the COPD bit in the configuration register. $FEFE $FEFF $FEFC $FEFD BIT 5 START BIT BIT 0 BIT 1 NEXT STOP BIT START BIT BIT 2 BIT 3 BIT 4 BIT 6 BIT 7 BIT 5 START BIT BIT 0 BIT 1 NEXT STOP BIT START BIT BIT 2 BIT 3 BIT 4 BIT 6 BIT 7 START BIT BIT 0 BIT 1 STOP BIT BIT 2 $A5 BREAK BIT 3 BIT 4 BIT 5 BIT 6 BIT 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |