Electronic Components Datasheet Search
  English  ▼

X  

TDA8705 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8705
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8705 Datasheet HTML 3Page - NXP Semiconductors TDA8705 Datasheet HTML 4Page - NXP Semiconductors TDA8705 Datasheet HTML 5Page - NXP Semiconductors TDA8705 Datasheet HTML 6Page - NXP Semiconductors TDA8705 Datasheet HTML 7Page - NXP Semiconductors TDA8705 Datasheet HTML 8Page - NXP Semiconductors TDA8705 Datasheet HTML 9Page - NXP Semiconductors TDA8705 Datasheet HTML 10Page - NXP Semiconductors TDA8705 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Jan 12
7
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
Switching characteristics
CLOCK INPUT CLK; note 1; see Fig.3
fclk(max)
maximum clock frequency
40
−−
MHz
tCPH
clock pulse width HIGH
10
−−
ns
tCPL
clock pulse width LOW
10
−−
ns
Analog signal processing
LINEARITY
ILE
DC integral linearity error
−±0.25
±0.5
LSB
DLE
DC differential linearity error
−±0.25
±0.5
LSB
AILE
AC integral linearity error
note 3
−±0.5
±1.0
LSB
OFE
offset error between A and B
fi = 10 MHz;
fclk = 40 MHz; note 4
±1
−±2
LSB
GE
gain error between A and B
fi = 10 MHz;
fclk = 40 MHz; note 4
±1
−±2
LSB
MID
middle scale output code A and B
input voltage floating
31
−
32
BANDWIDTH;fclk =40MHz
B
−0.5 dB analog bandwidth
full-scale sine wave;
note 5
−
50
−
MHz
tSTLH
analog input settling time LOW-to-HIGH
full-scale square wave;
Fig.4; note 6
−
8
−
ns
tSTHL
analog input settling time HIGH-to-LOW
full-scale square wave;
Fig.4; note 6
−
5
−
ns
HARMONICS;fclk =40MHZ; see Fig.5
h1
fundamental harmonics (full scale)
fi = 10 MHz
−−
0dB
hall
harmonics (full scale);
all components
fi = 10 MHz
second harmonics
−−49
−
dB
third harmonics
−−51
−
dB
THD
total harmonic distortion
fi = 10 MHz
−−46
−40
dB
SIGNAL-TO-NOISE RATIO; note 7; see Fig.5
S/N
signal-to-noise ratio (full scale)
without harmonics;
fclk = 40 MHz;
fi = 10 MHz
34
37
−
dB
EFFECTIVE BITS; note 7; see Figs 5 and 6
EB
effective bits
fclk = 40 MHz
fi = 10 MHz
−
5.8
−
bits
fi = 20 MHz
−
5.6
−
bits
TWO-TONE; note 8
TTIR
two-tone intermodulation rejection
fclk = 40 MHz
−
48
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com